Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S80SSJS1 Datasheet(PDF) 3 Page - Ashcroft, Inc.

Part # S80SSJS1
Description  S80 Thermocouple Temperature Probes
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASHCROFT [Ashcroft, Inc.]
Direct Link  https://www.ashcroft.com/
Logo ASHCROFT - Ashcroft, Inc.

S80SSJS1 Datasheet(HTML) 3 Page - Ashcroft, Inc.

  S80SSJS1 Datasheet HTML 1Page - Ashcroft, Inc. S80SSJS1 Datasheet HTML 2Page - Ashcroft, Inc. S80SSJS1 Datasheet HTML 3Page - Ashcroft, Inc. S80SSJS1 Datasheet HTML 4Page - Ashcroft, Inc. S80SSJS1 Datasheet HTML 5Page - Ashcroft, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Thermocouple Temperature probes with mineral insulation, available with optional connectors.
Data Sheet
ORDERING CODE
Example:
S80
S
R
K
N
2
1
3
7
2
Area Classification
S - Standard
S
J - Intrinsic Safety - ia
B - Intrinsic Safety - ib
E - Increased Safety
N - Non-Incendive
Sheath Diameter
R - 1⁄8˝ Ø3.18 mm
R
S - 3⁄16˝ Ø4.76 mm
T - ¼˝ Ø6.35 mm
3 - 3 mm
4 - 4.5 mm
6 - 6 mm
8 - 8 mm
Thermocouple Type
E - E -Temperature range: -200 to 800 °C
J - J -Temperature range: -40 to 750 °C
K - K -Temperature range: -200 to 1000 °C
K
N - N -Temperature range: -200 to 1000 °C
T - T -Temperature range: -250 to 350 °C
Accuracy or Class
N - ANSI MC 96.1: Standard
N
S - ANSI MC 96.1: Special
1 - IEC 60584-2: Class 1
2 - IEC 60584-2: Class 2
3 - EC 60584-2: Class 3
Junction
1 - Ungrounded
2 - Grounded
2
3 - Ungrounded, vibration-proof
4 - Ungrounded, vibration-proof
Electrical Circuit
1 - Single
1
2 - Dual
Sheath Material
1 - AISI 316 / 1.4401
3 - Inconel® 600 / 2.4816
3
Wire Termination
A - Standard plain stripped leads (1½˝)
B - Spade lugs #8
C - ¼˝ Push on connector
D - With miniature female connector
E - With miniature female and additional male connector
F - With standard female connector
G - With standard female and additional male connector
7 - Stripped
7
3 - With miniature male connector
4 - With miniature male and female connector
5 - With standard male connector
6 - With standard male and female connector
Connector Strain Relief
- - Non-applicable (no connector)
1 - Crimp - Braze adapter (for use with Flex Armor and no wire options)
2 - Grommet - for regular wire option, with no flex armor
2
3 - Bracket - for regular wire option, with no flex armor
Cont. on
next page
S80 Thermocouple Temperature Probes
of 5
3
All specifications are subject to change without notice. All sales subject to standard terms and conditions.
Ashcroft®, Trust the Shield® are trademarks of Ashcroft Inc. The following non-Ashcroft trademarks are the property
of their respective owners: Inconel®. For more information, see Ashcroft Brands & Trademarks
©2023 Ashcroft Inc. S80_RTD_ds_RevC_04-05-23
ashcroft.com
| 1.800.328.8258 | Contact Us



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com