Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CD4360 Datasheet(PDF) 4 Page - Powerex Power Semiconductors

Part # CD4360
Description  POW-R-BLOK Dual SCR Isolated Module 60 Amperes / Up to 1600 Volts
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWEREX [Powerex Power Semiconductors]
Direct Link  http://www.pwrx.com
Logo POWEREX - Powerex Power Semiconductors

CD4360 Datasheet(HTML) 4 Page - Powerex Power Semiconductors

  CD4360 Datasheet HTML 1Page - Powerex Power Semiconductors CD4360 Datasheet HTML 2Page - Powerex Power Semiconductors CD4360 Datasheet HTML 3Page - Powerex Power Semiconductors CD4360 Datasheet HTML 4Page - Powerex Power Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Powerex, Inc., Hillis Street, Youngwood, Pennsylvania 15697 (724) 925-7272
POW-R-BLOK
TM
Dual SCR Isolated Module
60 Amperes / Up to 1600 Volts
Revision Date: 11/1/2001
CD43__60
0
180
360
CONDUCTION ANGLE
Maximum On-State Power Dissipation
30°
60°
90°
120°
180°
0
10
20
30
40
50
60
70
80
0
5
10
15
20
25
30
35
40
45
50
55
60
Average On-State Current - It(av) - Amperes
(Sinusoidal Waveform)
0
180
360
CONDUCTION ANGLE
Maximum Allowable Case Temperature
120°
90°
60°
30°
180°
95
100
105
110
115
120
125
0
5
10
15
20
25
30
35
40
45
50
55
60
Average On-State Current - It(av) - Amperes
(Sinusoidal Waveform)
0
180
360
CONDUCTION ANGLE
Maximum On-State Power Dissipation
90°
60°
30°
120°
180°
270°
15°
360°
0
20
40
60
80
100
120
0
10
2030405060708090
100
Average On-State Current - It(av) - Amperes
(Rectangular Waveform)
0
180
360
CONDUCTION ANGLE
Maximum Allowable Case Temperature
270°
180°
120°
90°
60°
30°
360°
85
90
95
100
105
110
115
120
125
0
1020
304050
60
708090
100
Average On-State Current - It(av) - Amperes
(Rectangular Waveform)
Maximum On-State Forward Voltage Drop
0
0.5
1
1.5
2
2.5
3
3.5
4
10
100
1000
Instantaneous On-State Current - Itm - Amperes
( Tj = 125 °C )
Maximum Transient Thermal Impedance
0.00
0.05
0.10
0.15
0.20
0.25
0.30
0.35
0.40
0.001
0.01
0.1
1
10
100
Time - t - Seconds
(Junction to Case)



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com