Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S10331ABC1 Datasheet(PDF) 4 Page - Ashcroft, Inc.

Part # S10331ABC1
Description  S10 RTDs & Thermocouples, Metric Connections
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASHCROFT [Ashcroft, Inc.]
Direct Link  https://www.ashcroft.com/
Logo ASHCROFT - Ashcroft, Inc.

S10331ABC1 Datasheet(HTML) 4 Page - Ashcroft, Inc.

  S10331ABC1 Datasheet HTML 1Page - Ashcroft, Inc. S10331ABC1 Datasheet HTML 2Page - Ashcroft, Inc. S10331ABC1 Datasheet HTML 3Page - Ashcroft, Inc. S10331ABC1 Datasheet HTML 4Page - Ashcroft, Inc. S10331ABC1 Datasheet HTML 5Page - Ashcroft, Inc. S10331ABC1 Datasheet HTML 6Page - Ashcroft, Inc. S10331ABC1 Datasheet HTML 7Page - Ashcroft, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
S10 RTD ORDERING CODE Example: (Cont'd )
X
C
-
52
R3
-
-
3P
T
N=27
LN=400
Inset Nominal Length
X - LN=... (min=50, max=100000)
.
(add actual length in mm LN=?? at the end of ordering code)
X
Lag Length
-
Lag length (add actual length in mm N=?? At the end of code)
X -
N=... (min=50, max=1000)
N - N= 150mm
F - N= 16mm
C - N= 27mm
C
- - Without
-
Lag Extension
F5 - DIN Ø11/7 AISI 316/ 1.4401 N=150
F6 - DIN Ø14/11 AISI 316/ 1.4401 N=150
F8 - DIN Ø11/7 AISI 316/ 1.4401 N=non std
F9 - DIN Ø14/11 AISI 316/ 1.4401 N=non std
51 -Threaded connection cyl.
52 - Threaded connection conical
52
-- - Without lag extension, without plug
4- - Without lag extension, with plug
Process Connection
Q3 - Thread G½ A
Q4 - Thread G¾ A
S6 - Thread M14 x 1.5
S7 - Thread M18 x 1.5
R3 - Thread ½ NPT
R3
A3 - Compression fitting G ½ A, AISI 316
C3 - Compression fitting ½" NPT, AISI 316
-- - Without connection
Electical Connection
- - With terminal block
-
1 - With transmitter Not available with FM IS or NI approval
3 - Without terminal block, with flying leads
Certifications
- - None required
-
F - FM
A - ATEX
X - IECEx
S - SIL 2 + ATEX
I - INMETRO
D - ATEX + IECEX
2 - SIL 2
P - EAC (Gost R) + Metrological Russia
Calibration Report
-- - Without
3P
3P - 3 points
5P - 5 points
3D - 3 points
5D - 5 points
Marking
- - Without
T - Label in stainless steel with tag
T
Prices subject to change without notice • All prices subject to escalation
Nominal
length in
mm
Extension
length in
mm
Data Sheet
S10 Thermocouples, Probes
of 7
4
All specifications are subject to change without notice.
All sales subject to standard terms and conditions.
©2022 Ashcroft Inc. S10_RTD_ds_RevB_04-05-22
ashcroft.com
info@ashcroft.com
1.800.328.8258
Data Sheet
S10 RTD Probes
of 7
4
All specifications are subject to change without notice.
All sales subject to standard terms and conditions.
©2022 Ashcroft Inc. S10_RTD_ds_RevB_04-05-22
ashcroft.com
info@ashcroft.com
1.800.328.8258
mm = inches x 25.4



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com