Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6566 Datasheet(PDF) 13 Page - STMicroelectronics

Part # L6566
Description  Multi-mode controller for SMPS with PFC front-end
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6566 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button L6566 Datasheet HTML 9Page - STMicroelectronics L6566 Datasheet HTML 10Page - STMicroelectronics L6566 Datasheet HTML 11Page - STMicroelectronics L6566 Datasheet HTML 12Page - STMicroelectronics L6566 Datasheet HTML 13Page - STMicroelectronics L6566 Datasheet HTML 14Page - STMicroelectronics L6566 Datasheet HTML 15Page - STMicroelectronics L6566 Datasheet HTML 16Page - STMicroelectronics L6566 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 51 page
background image
L6566A
Electrical characteristics
13/51
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit
Reference voltage
VREF
Output voltage
(1) T
J = 25 °C; IREF = 1 mA
4.95
5
5.05
V
VREF
Total variation
IREF = 1 to 5 mA,
Vcc= 10.6 to 23 V
4.9
5.1
V
IREF
Short circuit current
VREF = 0
10
30
mA
Sink capability in UVLO
Vcc = 6V; Isink = 0.5 mA
0.2
0.5
V
VOV
Overvoltage threshold
5.3
5.7
V
Internal oscillator
fsw
Oscillation frequency
Operating range
10
300
kHz
TJ = 25°C, VZCD = 0,
MODE/SC = Open
95
100
105
Vcc=12 to 23 V, VZCD = 0,
MODE/SC = Open
93
100
107
VOSC
Voltage reference
(3)
0.97
1
1.03
V
Dmax
Maximum duty cycle
MODE/SC = Open,
VCOMP = 5 V
70
75
%
Brownout protection
Vth
Threshold voltage
Voltage falling (turn-off)
0.432
0.450
0.468
V
Voltage rising (turn-on)
0.452
0.458
0.518
V
IHys
Current Hysteresis
Vcc > 5V, VVFF = 0.3V
12
15
18
µA
VAC_OK_CL Clamp level
(1) I
AC_OK = 100µA
33.15
3.3
V
Line voltage feedforward
IVFF
Input bias current
VVFF = 0 to 3 V, VZCD < VZCDth
-1
µA
VZCD > VZCDth
-0.7
-1
mA
VVFF
Linear operation range
0 to 3
V
VOFF
IC disable voltage
3
3.15
3.3
V
VVFFlatch
Latch-off/clamp level
VZCD > VZCDth
6.4
V
Kc
Control voltage gain (3)
VVFF = 1 V, VCOMP = 4 V
0.4
V/V
KFF
Feedforward gain (3)
VVFF = 1 V, VCOMP = 4 V
0.04
V/V
Table 5. Electrical characteristics (continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com