Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6566B Datasheet(PDF) 37 Page - STMicroelectronics

Part # L6566B
Description  Multi-mode controller for SMPS
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6566B Datasheet(HTML) 37 Page - STMicroelectronics

Back Button L6566B Datasheet HTML 33Page - STMicroelectronics L6566B Datasheet HTML 34Page - STMicroelectronics L6566B Datasheet HTML 35Page - STMicroelectronics L6566B Datasheet HTML 36Page - STMicroelectronics L6566B Datasheet HTML 37Page - STMicroelectronics L6566B Datasheet HTML 38Page - STMicroelectronics L6566B Datasheet HTML 39Page - STMicroelectronics L6566B Datasheet HTML 40Page - STMicroelectronics L6566B Datasheet HTML 41Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 51 page
background image
L6566B
Application information
37/51
Equation 15
where TBLANK2 = 2 µs; this is also illustrated in the diagram of Figure 24.
5.12
Brownout protection
Brownout Protection is basically a not-latched device shutdown function activated when a
condition of mains undervoltage is detected. There are several reasons why it may be
desirable to shut down a converter during a brownout condition, which occurs when the
mains voltage falls below the minimum specification of normal operation.
Firstly, a brownout condition may cause overheating of the primary power section due to an
excess of RMS current. Secondly, spurious restarts may occur during converter power
down, hence causing the output voltage not to decay to zero monotonically.
L6566B shutdown upon brownout is accomplished by means of an internal comparator, as
shown in the block diagram of Figure 25 on page 38, which shows the basic usage. The
inverting input of the comparator, available on the AC_OK pin (16), is supposed to sense a
voltage proportional to the RMS (peak) mains voltage; the non-inverting input is internally
referenced to 0.485V with 35 mV hysteresis. If the voltage applied on the AC_OK pin before
the device starts operating does not exceed 0.485V or if it falls below 0.45 V while the
device is running, the AC_FAIL signal goes high and the device shuts down, with the soft-
start capacitor discharged and the gate-drive output low. Additionally, if the device has been
latched off by some protection function (testified by Vcc oscillating between VccON and
VccON - 0.5V) the AC_OK voltage falling below 0.45 V clears the latch. This may allow a
quicker restart as the input source is removed.
While the brownout protection is active the start-up generator keeps on working but, being
there no PWM activity, the Vcc voltage continuously oscillates between the start-up and the
HV generator restart thresholds, as shown in the timing diagram of Figure 25.
Figure 24. Maximum allowed duty cycle vs. switching frequency for correct OVP
detection
1
f
T
D
sw
2
BLANK
≤
+
5 .10
4
1 .10
5
1.5 .10
5
2 .10
5
2.5.10
5
3 .10
5
3.5.10
5
4 .10
5
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.725
fsw [Hz]
Dmax



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com