Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6727 Datasheet(PDF) 12 Page - STMicroelectronics

Part # L6727
Description  Single phase PWM controller
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6727 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button L6727 Datasheet HTML 8Page - STMicroelectronics L6727 Datasheet HTML 9Page - STMicroelectronics L6727 Datasheet HTML 10Page - STMicroelectronics L6727 Datasheet HTML 11Page - STMicroelectronics L6727 Datasheet HTML 12Page - STMicroelectronics L6727 Datasheet HTML 13Page - STMicroelectronics L6727 Datasheet HTML 14Page - STMicroelectronics L6727 Datasheet HTML 15Page - STMicroelectronics L6727 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 22 page
background image
Soft Start and Disable
L6727
12/22
6.2
Enable / Disable
The device can be disabled by externally pushing COMP / DIS pin under 0.5V (typ). In
disable condition HS and LS MOSFETs are turned off, and a 20
µA current is sourced from
COMP / DIS pin. Setting free the pin, this current pulls it over the threshold and the device
enables again performing a new SS.
To disable the device, the external pull-down needs to overcome 10mA of COMP output
current for about 15
µs. Once disabled, COMP output current drops to 20µA.
Figure 5.
Start Up sequence; VCC = 5V (Left). Over Current Hiccup (Right)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com