Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM337 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # LM337
Description  3-TERMINAL ADJUSTABLE REGULATORS
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM337 Datasheet(HTML) 1 Page - Texas Instruments

  LM337 Datasheet HTML 1Page - Texas Instruments LM337 Datasheet HTML 2Page - Texas Instruments LM337 Datasheet HTML 3Page - Texas Instruments LM337 Datasheet HTML 4Page - Texas Instruments LM337 Datasheet HTML 5Page - Texas Instruments LM337 Datasheet HTML 6Page - Texas Instruments LM337 Datasheet HTML 7Page - Texas Instruments LM337 Datasheet HTML 8Page - Texas Instruments LM337 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
www.ti.com
FEATURES
LM337...KTE, KTP, OR KVU PACKAGE
(TOP VIEW)
OUTPUT
INPUT
ADJUSTMENT
LM337...KTT (TO-263) PACKAGE
(TOP VIEW)
OUTPUT
INPUT
ADJUSTMENT
LM237, LM337...KC (TO-220) PACKAGE
(TOP VIEW)
INPUT
OUTPUT
ADJUSTMENT
INPUT
OUTPUT
LM337...KCS (TO-220) PACKAGE
(TOP VIEW)
ADJUSTMENT
DESCRIPTION/ORDERING INFORMATION
LM237, LM337
3-TERMINAL ADJUSTABLE REGULATORS
SLVS047J – NOVEMBER 1981 – REVISED MAY 2007
• Output Voltage Range Adjustable From
• Peak Output Current Constant Over
–1.2 V to –37 V
Temperature Range of Regulator
• Output Current Capability of 1.5 A Max
• Ripple Rejection Typically 77 dB
• Input Regulation Typically 0.01% Per
• Direct Replacement for Industry-Standard
Input-Voltage Change
LM237 and LM337
• Output Regulation Typically 0.3%
The LM237 and LM337 are adjustable 3-terminal negative-voltage regulators capable of supplying in excess of
–1.5 A over an output voltage range of –1.2 V to –37 V. They are exceptionally easy to use, requiring only two
external resistors to set the output voltage and one output capacitor for frequency compensation. The current
design has been optimized for excellent regulation and low thermal transients. In addition, the LM237 and
LM337 feature internal current limiting, thermal shutdown, and safe-area compensation, making them virtually
immune to failure by overloads.
The LM237 and LM337 serve a wide variety of applications, including local on-card regulation, programmable
output-voltage regulation, and precision current regulation.
ORDERING INFORMATION
TJ
PACKAGE(1)
ORDERABLE PART NUMBER
TOP-SIDE MARKING
–25
°C to 150°C
TO-220 – KC
Tube of 50
LM237KC
LM237
PowerFLEX™ – KTE
Reel of 2000
LM337KTER
LM337
PowerFLEX – KTP
Reel of 3000
LM337KTPR
L337
TO-220 – KC
Tube of 50
LM337KC
LM337
0
°C to 125°C
TO-220 – KCS
Tube of 50
LM337KCSE3
LM337
TO-252 – KVU
Reel of 2500
LM337KVURG3
LM337
TO-263 – KTT
Reel of 500
LM337KTTR
LM337
(1)
Package drawings, standard packing quantities, thermal data, symbolization, and PCB design guidelines are available at
www.ti.com/sc/package.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PowerFLEX is a trademark of Texas Instruments.
PRODUCTION DATA information is current as of publication date.
Copyright © 1981–2007, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - LM337

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
LM337 ONSEMI-LM337 Datasheet
172Kb / 8P
THREE-TERMINAL ADJUSTABLE NEGATIVE VOLTAGE REGULATOR
1996 Rev 1
logo
STMicroelectronics
LM337 STMICROELECTRONICS-LM337 Datasheet
245Kb / 14P
THREE-TERMINAL ADJUSTABLE NEGATIVE VOLTAGE REGULATORS
Mar-1993
logo
Texas Instruments
LM337 TI-LM337 Datasheet
273Kb / 10P
3-TERMINAL ADJUSTABLE REGULATORS
logo
Seme LAB
LM337 SEME-LAB-LM337 Datasheet
43Kb / 4P
1.5 AMP NEGATIVE ADJUSTABLE VOLTAGE REGULATOR
logo
Fairchild Semiconductor
LM337 FAIRCHILD-LM337 Datasheet
37Kb / 6P
3-Terminal 1.5A Negative Adjustable Regulator
More results

Similar Description - LM337

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM137 NSC-LM137 Datasheet
836Kb / 12P
3-Terminal Adjustable Negative Regulators
logo
Texas Instruments
LM237 TI-LM237 Datasheet
273Kb / 10P
3-TERMINAL ADJUSTABLE REGULATORS
TL317 TI-TL317 Datasheet
120Kb / 7P
3-TERMINAL ADJUSTABLE REGULATORS
logo
Wing Shing Computer Com...
LM317 WINGS-LM317 Datasheet
213Kb / 3P
3-TERMINAL ADJUSTABLE REGULATORS
WS337L WINGS-WS337L Datasheet
113Kb / 1P
3-TERMINAL ADJUSTABLE REGULATORS
logo
Linear Dimensions Semic...
LND317 LINEAR_DIMENSIONS-LND317 Datasheet
106Kb / 4P
3-Terminal Adjustable Regulators
logo
Texas Instruments
LM337IMP-NOPB TI1-LM337IMP-NOPB Datasheet
2Mb / 22P
3-Terminal Adjustable Negative Regulators
LM237 TI-LM237_15 Datasheet
1Mb / 25P
LMx37 3-Terminal Adjustable Regulators
LM137 TI1-LM137_16 Datasheet
2Mb / 28P
3-Terminal Adjustable Negative Regulators
LM137QML TI1-LM137QML_16 Datasheet
833Kb / 22P
3-Terminal Adjustable Negative Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com