Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S1PRESSURE Datasheet(PDF) 2 Page - Ashcroft, Inc.

Part # S1PRESSURE
Description  S1 Pressure Transducer
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASHCROFT [Ashcroft, Inc.]
Direct Link  https://www.ashcroft.com/
Logo ASHCROFT - Ashcroft, Inc.

S1PRESSURE Datasheet(HTML) 2 Page - Ashcroft, Inc.

  S1PRESSURE Datasheet HTML 1Page - Ashcroft, Inc. S1PRESSURE Datasheet HTML 2Page - Ashcroft, Inc. S1PRESSURE Datasheet HTML 3Page - Ashcroft, Inc. S1PRESSURE Datasheet HTML 4Page - Ashcroft, Inc. S1PRESSURE Datasheet HTML 5Page - Ashcroft, Inc. S1PRESSURE Datasheet HTML 6Page - Ashcroft, Inc. S1PRESSURE Datasheet HTML 7Page - Ashcroft, Inc. S1PRESSURE Datasheet HTML 8Page - Ashcroft, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
of 8
2
Data Sheet
S1 Pressure Transducer
Data Sheet
All specifications are subject to change without notice. All sales subject to standard terms and conditions.
Ashcroft®, TruAccuracy™ and Trust the Shield® are trademarks of Ashcroft Inc. The following non-Ashcroft trademarks
are the property of their respective owners: 17-4 PH®, AMP®, Deutsch®, Econoseal®, Metri-Pack®.
For more information, see Ashcroft Brands & Trademarks ©2024 Ashcroft Inc. S1_transducer_ds_RevG_11-27-24
ashcroft.com
| 1.800.328.8258 | Contact Us
0
10
20
30
0
1000
800
600
400
200
24
32
1045
682
V
MIN = 9V + [0.022A* x (RL )]
(*includes a 10% safety factor)
RL = RS + RW
RL = Loop Resistance (Ohms)
RS = Sense Resistance (Ohms)
Rw = Wire Resistance (Ohms)
Rw's w is a subscript
Loop Supply Voltage (Vdc) [LSV]
Power Supply Voltage vs. Loop Resisitance
(4-20 mA ONLY)
OUTPUT SIGNALS AVAILABLE
Voltage Output
Excitation
Max Supply Current
0-5 Vdc, 3 wire
9-32 Vdc
11 mA
0-10 Vdc, 3 wire
14-32 Vdc
11 mA
1-5 Vdc, 3 wire
9-32 Vdc
5 mA
1-6 Vdc, 3 wire
9-32 Vdc
5 mA
1-10 Vdc, 3 wire
14-32 Vdc
11 mA
0.1-10 Vdc, 3 wire
14-32 Vdc
11 mA
0.5-4.5 Vdc, 3 wire
9-32 Vdc
5 mA
Ratiometric Output
0.5-4.5 Vdc, 3 wire
5 Vdc ±0.5 Vdc
5 mA
Current Output
4-20 mA, 2 wire
9-32 Vdc
ENVIRONMENTAL RATING
Rating:
Electrical Connections
IP67, NEMA 6X
Metri-Pack® shielded cable, Deutsch®,
DT/DTM, AMP® Econoseal®/Superseal®,
and M12
IP65, NEMA 4X
EN 175301-803 Form A & C (DIN
43650 A & C)
WETTED COMPONENTS
Sensor Diaphragm:
17-4 PH with 303 stainless steel
adapter for 304 stainless steel pro-
cess connection and housing. 316L
with 316L stainless steel adapter for
316L stainless steel process connec-
tion and housing
Process Connection
304 or 316 stainless steel. Contact
Ashcroft for additional material
options.
NON-WETTED COMPONENTS
Housing:
304 or 316 stainless steel. Contact
Ashcroft for additional material
options.
POWER SUPPLY & LOAD RESISTANCE
Ashcroft’s TruAccuracy™ specification is exclusively based on terminal
point methodology instead of statistically derived schemes like
‘best fit straight line’.
TruAccuracy™ means the Ashcroft S1 has standard span accuracy of
±1.00% with option to purchase as ±0.50% out of the box. Zero and
span setting errors are already included in the standard ±1.00% or
optional ±0.50% of span accuracy spec
The S1 is ready to be installed with no additional calibration
adjustments required.
A unit from another manufacturer advertised as ±0.25% best fit
straight line may actually be a ±1.25% to ±2.25% device. Using best
fit straight line method, the accuracy spec does not include zero and
span setting errors, which can be as much as ±1.00% each.
What Does It Mean?
EMC TESTING
EMC:
Directive 2014/30/EU, and EN61326-1,
EN61326-2-3 (Industrial Env.)
Immunity: 61000-4-2 (ESD)
±4 kV/±8 kV (Contact/Air)
61000-4-3 (Radiated RF)
10 V/m to 1 GHZ, 3 V/m to 2
GHz, 1 V/m to 2.7 GHz
61000-4-4 (EFT/Burst)
±1 kV (5/50 msec, 5 kHz)
61000-4-5 (Surge)
±1 kV, Earth to Shield over
all I/O lines
61000-4-6 (Conducted RF)
3 V/ (0.15 to 80 MHz)
61000-4-8 (Line Freq. Magnetic) 30 A/m
Emissions: EN 55011 (CISPR 11) Class A, Group 1 & FCC (47 CFR 15)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com