Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA5620TR Datasheet(PDF) 17 Page - STMicroelectronics

Part # STA5620TR
Description  Fully integrated RF front-end for GPS
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA5620TR Datasheet(HTML) 17 Page - STMicroelectronics

Back Button STA5620TR Datasheet HTML 13Page - STMicroelectronics STA5620TR Datasheet HTML 14Page - STMicroelectronics STA5620TR Datasheet HTML 15Page - STMicroelectronics STA5620TR Datasheet HTML 16Page - STMicroelectronics STA5620TR Datasheet HTML 17Page - STMicroelectronics STA5620TR Datasheet HTML 18Page - STMicroelectronics STA5620TR Datasheet HTML 19Page - STMicroelectronics STA5620TR Datasheet HTML 20Page - STMicroelectronics STA5620TR Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 29 page
background image
STA5620
Registers
17/29
7
Registers
7.1
Register map
7.2
PLL N Divider
7.3
PLL R Divider
Note that registers 40, 41 and 42 are delivered on a single 24 bit bus. New register values
are delivered synchronously to the bus only after register 42 is written.
Table 6.
Register map
Address
R/W
Bit
7
6
5
4
321
0
0xC0/40
-
-
-
-
----------------- NDIV[11:8] -----------------
0xC1/41
--------------------------------------------------- NDIV[7:0] ----------------------------------------------------
0xC2/42
-
-
----------------------------------- RDIV[5:0] ----------------------------------
0xC3/43
Reserved
GCE
XCE
LSR
MST
0xD0/50
-
Reserved
IFB
0xD1/51
ENM
Reserved
AGC
IF
MIX
RFA
PLL
VCO
0xD2/52
-
-
-
-------------- LFC[2:0] ---------------
----- CPI[1,0] -----
0xE0/60
RFE
-
Reserved
Table 7.
PLL N divider
Register
address
Name
Bit
Default value
MODE = 0
(decimal)
Default value
MODE = 1
(decimal)
Description
0x40
NDIV
XXXX nnnn [0:3]
96
1555
PLL Feedback Divider Division
Ratio
0x41
nnnn nnnn [0:7]
Table 8.
PLL R divider
Register
address
Name
Bit
Default value
MODE = 0
(decimal)
Default value
MODE = 1
(decimal)
Description
0x42
RDIV
XXrr rrrr [0:5]
1
19
Reference Divider Division
Ratio



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com