Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LD1086D2TTR Datasheet(PDF) 35 Page - STMicroelectronics

Part # LD1086D2TTR
Description  1.5A Low drop positive voltage regulator adjustable and fixed
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LD1086D2TTR Datasheet(HTML) 35 Page - STMicroelectronics

Back Button LD1086D2TTR Datasheet HTML 29Page - STMicroelectronics LD1086D2TTR Datasheet HTML 30Page - STMicroelectronics LD1086D2TTR Datasheet HTML 31Page - STMicroelectronics LD1086D2TTR Datasheet HTML 32Page - STMicroelectronics LD1086D2TTR Datasheet HTML 33Page - STMicroelectronics LD1086D2TTR Datasheet HTML 34Page - STMicroelectronics LD1086D2TTR Datasheet HTML 35Page - STMicroelectronics LD1086D2TTR Datasheet HTML 36Page - STMicroelectronics LD1086D2TTR Datasheet HTML 37Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 35 / 37 page
background image
LD1086xx
Order codes
35/37
8
Order codes
Table 18.
Order codes
Part numbers
TO-220
D2PAK
D2PAK/A
DPAK
Output voltage
LD1086D2T15R
LD1086DT15R
1.5 V
LD1086V18
LD1086D2T18TR
LD1086DT18TR
1.8 V
LD1086V25
LD1086D2T25TR
LD1086DT25TR
2.5 V
LD1086V33
LD1086D2T33TR
LD1086D2M33TR
LD1086DT33TR
3.3 V
LD1086V36
3.6 V
LD1086V50
LD1086D2T50TR
LD1086DT50TR
5.0 V
LD1086V80
LD1086D2T80TR
LD1086D2M80TR
LD1086DT80TR
8.0 V
LD1086V90
9.0 V
LD1086V12
LD1086D2T12TR
12.0 V
LD1086V
LD1086D2TTR
LD1086D2MTR
LD1086DTTR
ADJ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com