Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1664046 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 1664046
Description  CUC-IC1G-J1ST-S/R4T-L1 - RJ45 PCB connector
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1664046 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  1664046 Datasheet HTML 1Page - PHOENIX CONTACT 1664046 Datasheet HTML 2Page - PHOENIX CONTACT 1664046 Datasheet HTML 3Page - PHOENIX CONTACT 1664046 Datasheet HTML 4Page - PHOENIX CONTACT 1664046 Datasheet HTML 5Page - PHOENIX CONTACT 1664046 Datasheet HTML 6Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Please be informed that the data shown in this PDF document is generated from our online catalog. Please find the complete data in the user
documentation. Our general terms of use for downloads are valid.
RJ45 PCB connector, number of positions: 8, 1 Gbps
Your advantages
Simplified Ethernet design process thanks to integrated filtering
•
Reduced PCB complexity and reduced EMC risks
•
Automated processing thanks to reflow solderability
•
Ideal version for any application thanks to wide range of products
•
Equipped for demanding areas of application thanks to industrial design
•
Commercial data
Item number
1664046
Packing unit
50 pc
Minimum order quantity
50 pc
Product key
ABNAFA
GTIN
4067923204058
Weight per piece (including packing)
22.22 g
Weight per piece (excluding packing)
6.3 g
Country of origin
CN
CUC-IC1G-J1ST-S/R4T-L1 - RJ45 PCB connector
1664046
https://www.phoenixcontact.com/us/products/1664046
Jan 20, 2025, 12:32 AM
Page 1 (6)


Similar Part No. - 1664046

ManufacturerPart #DatasheetDescription
logo
Weidmuller
1664040000 WEIDMULLER-1664040000 Datasheet
31Mb / 340P
HDC-KIT-HA 03.300
logo
PHOENIX CONTACT
1664048 PHOENIX-1664048 Datasheet
437Kb / 7P
CUC-IC2G-J1ST-S/R4T-L1 - RJ45 PCB connector
1664049 PHOENIX-1664049 Datasheet
426Kb / 6P
CUC-IC1G-J1ST-S/R4T - RJ45 PCB connector
More results

Similar Description - 1664046

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1091946 PHOENIX-1091946 Datasheet
86Kb / 5P
RJ45 PCB connectors - CUC-IND-J1ST-A/R4LS
09/12/2020
1091947 PHOENIX-1091947 Datasheet
87Kb / 5P
RJ45 PCB connectors - CUC-IND-J1ST-S/R4LS-LED
09/12/2020
1149855 PHOENIX-1149855 Datasheet
62Kb / 3P
RJ45 PCB connectors - CUC-MP-J1ST-A/2R4LB
09/12/2020
1149868 PHOENIX-1149868 Datasheet
61Kb / 3P
RJ45 PCB connectors - CUC-SP-J1ST-A/R4LB
09/12/2020
1149870 PHOENIX-1149870 Datasheet
63Kb / 3P
RJ45 PCB connectors - CUC-SP-J1ST-A/R4LT
09/12/2020
1149871 PHOENIX-1149871 Datasheet
60Kb / 3P
RJ45 PCB connectors - CUC-SP-J1ST-S/R4LT-LED
09/12/2020
1332646 PHOENIX-1332646 Datasheet
181Kb / 5P
USB PCB connectors - CUC-USB3.1-J1ST-S/UCFSMD
1337238 PHOENIX-1337238 Datasheet
412Kb / 12P
RJ45 PCB connectors - CUC-SP-J1ST-S/R4LT-THR
1337239 PHOENIX-1337239 Datasheet
412Kb / 12P
RJ45 PCB connectors - CUC-SP-J1ST-S/R4LT-THRLED
1337254 PHOENIX-1337254 Datasheet
413Kb / 12P
RJ45 PCB connectors - CUC-MP-J1ST-A/2R4LT-THRLED
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com