Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S10331ADE1 Datasheet(PDF) 3 Page - Ashcroft, Inc.

Part # S10331ADE1
Description  S10 RTDs & Thermocouples, Metric Connections
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASHCROFT [Ashcroft, Inc.]
Direct Link  https://www.ashcroft.com/
Logo ASHCROFT - Ashcroft, Inc.

S10331ADE1 Datasheet(HTML) 3 Page - Ashcroft, Inc.

  S10331ADE1 Datasheet HTML 1Page - Ashcroft, Inc. S10331ADE1 Datasheet HTML 2Page - Ashcroft, Inc. S10331ADE1 Datasheet HTML 3Page - Ashcroft, Inc. S10331ADE1 Datasheet HTML 4Page - Ashcroft, Inc. S10331ADE1 Datasheet HTML 5Page - Ashcroft, Inc. S10331ADE1 Datasheet HTML 6Page - Ashcroft, Inc. S10331ADE1 Datasheet HTML 7Page - Ashcroft, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
S10 RTD ORDERING CODE
Example:
S10
1
6
1
A
A
B
1
D
2
S
Area Classification
1 - Standard
1
3 - Intrinsic Safety - ia
B - Intrinsic Safety - ib
E - Increased Safety
N - Non-Incendive
Sheath Diameter
3 - 3 mm
4 - 4.5 mm
6 - 6 mm
6
8 - 8 mm
RTD Type
1 - PT 100
1
Accuracy or Class (IEC 60751)
A - Class A
A
B - Class B
C - 1/2 DIN
D - Class AA - 1/3 DIN
RTD Element/Range
A - –50/+400°C
A
B - –200/+600°C
D - vibrations-proof
Electrical Circuit
A - Single 2 wires
B - Single 3 wires
B
C - Single 4 wires
D - Dual 2 wires
E - Dual 3 wires
F - Dual 4 wires
Sheath Material
1 - AISI 316L / 1.4404
1
Head Type
B - DIN B Aluminum
D - BUZ Aluminum
D
E - BUZH Aluminum
C - BBK - Plastic
Instrument Connection - 1/2 NPT Conduit Connection
M - M20 x 1.5
P - Pg 16
2 - ½" NPT
2
Head Conduit Gland
- - Without
P - Polyamide PA, for unarmored cable
L - Nickel plated brass, for unarmored cable
M - Nickel plated brass, single seal for armoured cable
N - Nickel plated brass, double seal for armoured cable
S - Stainless steel, for unarmored cable
S
T - Stainless steel, single seal for armoured cable
U - Stainless steel, double seal for armoured cable
Data Sheet
S10 Thermocouples, Probes
of 7
3
All specifications are subject to change without notice.
All sales subject to standard terms and conditions.
©2022 Ashcroft Inc. S10_RTD_ds_RevB_04-05-22
ashcroft.com
info@ashcroft.com
1.800.328.8258
Data Sheet
S10 RTD Probes
of 7
3
All specifications are subject to change without notice.
All sales subject to standard terms and conditions.
©2022 Ashcroft Inc. S10_RTD_ds_RevB_04-05-22
ashcroft.com
info@ashcroft.com
1.800.328.8258
Continued on
next page



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com