Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDD11210 Datasheet(PDF) 3 Page - Powerex Power Semiconductors

Part # CDD11210
Description  Dual Diode POW-R-BLOK??Modules 100 Amperes/1200-1600 Volts
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWEREX [Powerex Power Semiconductors]
Direct Link  http://www.pwrx.com
Logo POWEREX - Powerex Power Semiconductors

CDD11210 Datasheet(HTML) 3 Page - Powerex Power Semiconductors

  CDD11210 Datasheet HTML 1Page - Powerex Power Semiconductors CDD11210 Datasheet HTML 2Page - Powerex Power Semiconductors CDD11210 Datasheet HTML 3Page - Powerex Power Semiconductors CDD11210 Datasheet HTML 4Page - Powerex Power Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
D-117
Powerex, Inc., 200 Hillis Street, Youngwood, Pennsylvania 15697-1800 (724) 925-7272
CDD11210, CDD11610
Dual Diode POW-R-BLOK™ Modules
100 Amperes/1200-1600 Volts
Electrical and Thermal Characteristics, Tj = 25°C unless otherwise specified
Characteristics
Symbol
Test Conditions
CDD11210/CDD11610
Units
Blocking State Maximums
Reverse Leakage Current, Peak
IRRM
Tj = 125°C, VRRM = Rated
15
mA
Conducting State Maximums
Peak On-State Voltage
VFM
IFM = 320A
1.35
Volts
Thermal Maximums
Thermal Resistance, Junction-to-Case
R (J-C)
Per Module
0.3
°C/Watt
Thermal Resistance, Case-to-Sink (Lubricated)
R (C-S)
Per Module
0.2
°C/Watt



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com