Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CE720802 Datasheet(PDF) 2 Page - Powerex Power Semiconductors

Part # CE720802
Description  Three-Phase SCR/Diode Bridge Modules 20 Amperes/800 Volts
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWEREX [Powerex Power Semiconductors]
Direct Link  http://www.pwrx.com
Logo POWEREX - Powerex Power Semiconductors

CE720802 Datasheet(HTML) 2 Page - Powerex Power Semiconductors

  CE720802 Datasheet HTML 1Page - Powerex Power Semiconductors CE720802 Datasheet HTML 2Page - Powerex Power Semiconductors CE720802 Datasheet HTML 3Page - Powerex Power Semiconductors CE720802 Datasheet HTML 4Page - Powerex Power Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
SD-42
Powerex, Inc., 200 Hillis Street, Youngwood, Pennsylvania 15697-1800 (724) 925-7272
CE720802
Three-Phase SCR/Diode Bridge Modules
20 Amperes/800 Volts
Absolute Maximum Ratings
Characteristics
Symbol
CE720802
Units
Peak Forward Blocking Voltage
VDRM
800
Volts
Transient Peak Forward Blocking Voltage (Non-Repetitive), t < 5ms
VDSM
960
Volts
DC Forward Blocking Voltage
VD(DC)
640
Volts
Peak Reverse Blocking Voltage
VRRM
800
Volts
Transient Peak Reverse Blocking Voltage (Non-Repetitive), t < 5ms
VRSM
960
Volts
DC Reverse Blocking Voltage
VR(DC)
640
Volts
DC Output Current, TC = 80°C
IO
20
Amperes
Peak One-Cycle Surge (Non-Repetitive) On-State Current (60Hz)
ITSM, IFSM
200
Amperes
Peak One-Cycle Surge (Non-Repetitive) On-State Current (50Hz)
ITSM, IFSM
180
Amperes
I2t (for Fusing), 8.3 milliseconds
I2t
167
A2sec
Critical Rate-of-Rise of On-State Current*
di/dt
50
Amperes/ s
Peak Gate Power Dissipation
PGM
5.0
Watts
Average Gate Power Dissipation
PG(AV)
0.5
Watts
Peak Forward Gate Voltage
VGFM
10
Volts
Peak Reverse Gate Voltage
VGRM
5.0
Volts
Peak Forward Gate Current
IGFM
2.0
Amperes
Storage Temperature
TSTG
-40 to 125
°C
Operating Temperature
Tj
-40 to 125
°C
Maximum Mounting Torque M4 Mounting Screw
—
12
in.-lb.
Maximum Mounting Torque M4 Terminal Screw
—
12
in.-lb.
Module Weight (Typical)
—
130
Grams
V Isolation
VRMS
2500
Volts
*Tj = 125°C, IG = 0.5A, VD = 1/2 VDRM



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com