Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

QASEAL Datasheet(PDF) 1 Page - France Joint

Part # QASEAL
Description  CASSETTE SEALS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FRANCEJOINT [France Joint]
Direct Link  https://www.francejoint.com/en/
Logo FRANCEJOINT - France Joint

QASEAL Datasheet(HTML) 1 Page - France Joint

  QASEAL Datasheet HTML 1Page - France Joint QASEAL Datasheet HTML 2Page - France Joint  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
QUALITY & EXPERTISE FOR YOUR SEALING NEEDS
DESCRIPTION
The QA profile is a modular rotating
joint composed of a rubber TC9 shaft
seal and a metal sleeve. It is possible to
separate the 2 elements for assembly.
ADVANTAGES
Fit the 2 elements separately if necessary
APPLICATIONS
Axles
Pinions
Hubs
Construction
Agriculture
|
TECHNICAL DATA
Technical data
NBR 70 - 75
Shore A
FKM 70 - 75
Shore A
ACM 70 - 75
Shore A
HNBR 70 - 75
Shore A
Temperature
-30°C / +80°C
-20°C/+120°C
-25°C/+110°C
-30°C/+110°C
Speed
5 m/s
7 m/s
6 m/s
6 m/s
Pressure
0.02 - 0.05 MPa
0.02 - 0.05 MPa
0.02 - 0.05 MPa
0.02 - 0.05 MPa
Level of pollution
Normal
Normal
Normal
Normal
The figures above indicate the maximum values and may not be cumulated. They may be
developed, depending on the materials used.
MATERIALS
Rubber
ACM 70 - 75 Shore A
FKM 70 - 75 Shore A
HNBR 70 - 75 Shore A
NBR 70 - 75 Shore A
Metal cage
Steel - AISI 1010
Stainless steel - AISI 304
Stainless steel - AISI 316
Spring
Steel - AISI 1070 - 1090
Stainless steel - AISI 316
CASSETTE SEALS
QA
CASSETTE SEALS |
QA


Similar Part No. - QASEAL

ManufacturerPart #DatasheetDescription
logo
Qualtek Electronics Cor...
QAS QUALTEK-QAS Datasheet
529Kb / 1P
MOLDED PARTS
logo
Power-One
QAS050Z60 POWER-ONE-QAS050Z60 Datasheet
87Kb / 3P
Overvoltage Protection
QAS050ZG POWER-ONE-QAS050ZG Datasheet
87Kb / 3P
Overvoltage Protection
QAS060Z57 POWER-ONE-QAS060Z57 Datasheet
87Kb / 3P
Overvoltage Protection
logo
Qualwave Inc. All right...
QAS1M4 QUALWAVE-QAS1M4 Datasheet
142Kb / 1P
Coaxial Adapters
Rev 1.1
More results

Similar Description - QASEAL

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
D1217U ETC-D1217U Datasheet
129Kb / 1P
CASSETTE DETAILS
logo
Tyco Electronics
BP10480 MACOM-BP10480 Datasheet
226Kb / 4P
Pushbutton Switches, Splashproof Boot Seals
2-1193487-7 MACOM-2-1193487-7 Datasheet
58Kb / 1P
CABLE ENTRY SEALS 2 ENTRY, NPT THREADED
CES-1 MACOM-CES-1 Datasheet
104Kb / 1P
CABLE ENTRY SEALS STANDARD
logo
List of Unclassifed Man...
AS350 ETC-AS350 Datasheet
442Kb / 4P
HOL-SEALERS Hole Seals
logo
Ralston Instruments.
QSCM-0020-VT RALSTON-QSCM-0020-VT Datasheet
311Kb / 1P
Vent valve, stainless steel, with Viton seals
logo
DISCO Corporation
MDTC-300-01 DISCO-MDTC-300-01 Datasheet
138Kb / 1P
Cassette
MDTC-300-02 DISCO-MDTC-300-02 Datasheet
149Kb / 1P
Cassette
MDTC-300-03 DISCO-MDTC-300-03 Datasheet
146Kb / 1P
Cassette
logo
TE Connectivity Ltd
CES-X-XX TEC-CES-X-XX Datasheet
108Kb / 1P
CAMLE ENTRY SEALS STANDARD
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com