Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HF-R-4ALMENDRA Datasheet(PDF) 1 Page - AG Electronica

Part # HF-R-4ALMENDRA
Description  GABINETE DE PLASTICO 59X107X88
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AGELECTRONICA [AG Electronica]
Direct Link  https://www.agelectronica.com/
Logo AGELECTRONICA - AG Electronica

HF-R-4ALMENDRA Datasheet(HTML) 1 Page - AG Electronica

  HF-R-4ALMENDRA Datasheet HTML 1Page - AG Electronica  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
http://www.agelectronica.com
http://www.agelectronica.com
HF-R-4/59X107X88/ALMENDRA:GABINETE DE PLASTICO 59X107X88
Descripción
Es un gabinete fabricado en plástico con abertura frontal y una pieza movible.
Especificaciones
Dimensiones: 59x107x88 mm
Color: Almendra
Aplicaciones
Se puede usar para guardar componentes electrónicos, proteger PCBs o montar diversos proyectos
electrónicos en su interior.
ACOTACIÓN:
N/A
TOLERANCIA:
N/A
AG Electrónica S.A. de C.V.
República del Salvador N° 20 Segundo Piso
Teléfono: 5130 - 7210
http://www.agelectronica.com/
GABINETE DE PLASTICO 59X107X88
No. Parte:
HF-R-4/59X107X88/ALMENDRA
Fecha:
24/07/2019
REALIZO: JMML
REV: DMS
ESCALA:
N/A
TOLERANCIA:
N/A


Similar Part No. - HF-R-4ALMENDRA

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HF-100 ETC2-HF-100 Datasheet
501Kb / 2P
AN ULTRI-HIGH, NORMAL R.F. POWER AMPLIFIER AND OSCILLATOR AND CLASS B AUDIO AMPLIFIER OR MODULATOR
logo
SIRENZA MICRODEVICES
HF-102 SIRENZA-HF-102 Datasheet
75Kb / 1P
Wideband RF/Pulse Transformer 5-1000 MHz
logo
List of Unclassifed Man...
HF-105 ETC2-HF-105 Datasheet
368Kb / 2P
Phase Change Coated Aluminum
logo
SIRENZA MICRODEVICES
HF-110 SIRENZA-HF-110 Datasheet
86Kb / 1P
Wideband RF/Pulse Transformer 1-500 MHz/1-700 MHz
HF-112 SIRENZA-HF-112 Datasheet
76Kb / 1P
Wideband RF/Pulse Transformer 15-600 MHz
More results

Similar Description - HF-R-4ALMENDRA

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CW8700 ETC2-CW8700 Datasheet
106Kb / 5P
FICHE DE DONN횋ES DE S횋CURIT횋
logo
Hammond Manufacturing L...
DNFK HAMMOND-DNFK Datasheet
55Kb / 1P
ENSEMBLES DE FRILLES DE VENTILATION
DSTOPK HAMMOND-DSTOPK Datasheet
44Kb / 1P
TROUSSE DE BUTEES DE PORTE
EMF HAMMOND-EMF Datasheet
52Kb / 1P
Ensemble de pieds de montage Eclipse
1485Z HAMMOND-1485Z Datasheet
50Kb / 1P
Tron챌ons de rotation de 12 po
EPIN HAMMOND-EPIN Datasheet
52Kb / 1P
Broches de charniere de remplacement Eclipse
FRCMCD HAMMOND-FRCMCD Datasheet
70Kb / 1P
Separateur de chemins de cables
RR19TM HAMMOND-RR19TM Datasheet
64Kb / 2P
Gestionnaire de cables de toit
logo
Pentair plc. All rights...
3150 PENTAIR-3150 Datasheet
275Kb / 2P
VANNE DE COMMANDE DE 2 POUCE
logo
Tripp Lite. All Rights ...
VR1208R TRIPPLITE-VR1208R Datasheet
153Kb / 2P
Regulador de Voltaje de 1200VA - Regulaci처n autom찼tica de voltaje con supresi처n de sobretensiones
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com