Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

10ADFSTS02T Datasheet(PDF) 1 Page - Ashcroft, Inc.

Part # 10ADFSTS02T
Description  DF Flush Flanged Diaphragm Seal
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASHCROFT [Ashcroft, Inc.]
Direct Link  https://www.ashcroft.com/
Logo ASHCROFT - Ashcroft, Inc.

10ADFSTS02T Datasheet(HTML) 1 Page - Ashcroft, Inc.

  10ADFSTS02T Datasheet HTML 1Page - Ashcroft, Inc. 10ADFSTS02T Datasheet HTML 2Page - Ashcroft, Inc. 10ADFSTS02T Datasheet HTML 3Page - Ashcroft, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
of 3
1
Data Sheet
DF Flush Flanged Diaphragm Seal
All specifications are subject to change without notice.
All sales subject to standard terms and conditions.
©2022 Ashcroft Inc. df_flush_flanged_seal_ds_RevF_04-14-22
ashcroft.com
info@ashcroft.com
1.800.328.8258
FEATURES
„
Flush mounted diaphragm seal prevents clogging
„
Engineered to minimize the use of expensive
wetted materials
„
Continuous-duty construction
„
Available with a wide range of wetted materials
TYPICAL USES
„
Oil and gas
„
Refineries
„
Chemical and petrochemical
„
Water and wastewater
„
NACE Compliant processes
„
Biogas and diesel
SPECIFICATIONS
Connection Style:
Flanges, flush diaphragm
Process Connection
Size:
1, 1½, 2, 3 or 4 NPS
Instrument Connection
Size:
¼ or ½ NPT Female
Flange Ratings:
ASME 150, 300, 600, 900, 1500, 2500
Flange:
Raised face or ring joint
Added Tolerance:
±0.5% typical
Approvals and
Certificates:
CRN, NACE, ATEX, PMI, EN10204 3.1
•KEY BENEFITS
•Compact design eliminates need for lower
housing
• Protects process and instrumentation with
materials to fit your application
WETTED COMPONENTS
Diaphragm Materials
316L SS, Monel® 400, Tantalum, Hastelloy®C-276,
Halar® coated 316L SS, Gold plated 316 SS, Teflon coated 316SSL,
Hastelloy C-276 Teflon coated, Inconel 625, Inconel 825,
Teflon coated Tantalum, Duplex 2205
NON-WETTED COMPONENTS
Top Housing and Flange
316L Stainless Steel
ATEX
Conformity according to RL 94/9/EC
appendix X for mechanical equipment
in potential hazardous areas:
Optional marking
0044
II 2 GD c II TX
File no. 35101282 at notified body 0044,
TÜV NORD CERT
The temperature class will be determined
by the used measuring device.
DF
Flanged Seal
When selecting an instrument, refer to the Min/Max Guide for compatibility with this diaphragm seal or scan the QR code to the right.


Similar Part No. - 10ADFSTS02T

ManufacturerPart #DatasheetDescription
logo
Yangzhou yangjie electr...
10A YANGJIE-10A Datasheet
264Kb / 2P
SILICON RECTIFIERS
logo
Pro-Power
10A MAINS BLK PROPOWER-10A MAINS BLK Datasheet
351Kb / 3P
20Mains Flex - 3 Core Cable Coiled (0.2, 0.75 and 1.25mm2)
31/08/22 V1.1
10A MAINS GREY PROPOWER-10A MAINS GREY Datasheet
351Kb / 3P
20Mains Flex - 3 Core Cable Coiled (0.2, 0.75 and 1.25mm2)
31/08/22 V1.1
10A MAINS WHT PROPOWER-10A MAINS WHT Datasheet
351Kb / 3P
20Mains Flex - 3 Core Cable Coiled (0.2, 0.75 and 1.25mm2)
31/08/22 V1.1
logo
Electroswitch Electroni...
10A-250VAC ELECTROSWITCH-10A-250VAC Datasheet
102Kb / 1P
Push Button Switches
2010
More results

Similar Description - 10ADFSTS02T

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ST1510 ETC1-ST1510 Datasheet
31Kb / 2P
0-5 Vdc FLUSH DIAPHRAGM PRESSURE TRANSDUCER
logo
Fuji Electric
EDS5-55A FUJI-EDS5-55A Datasheet
238Kb / 6P
OPTICAL GAUGE PRESSURE TRANSMITTER WITH REMOTE SEAL DIAPHRAGM
EDS6-78A FUJI-EDS6-78A Datasheet
215Kb / 4P
OPTICAL DIFFERENTIAL PRESSURE TRANSMITTER WITH REMOTE SEAL DIAPHRAGM
EDS6-105A FUJI-EDS6-105A Datasheet
151Kb / 6P
FC SERIES DIFFERENTIAL PRESSURE TRANSMITTER WITH REMOTE SEAL DIAPHRAGM
logo
CUI INC
CEB-20FD64 CUI-CEB-20FD64 Datasheet
326Kb / 4P
piezo electric diaphragm
logo
CUI Devices
CEB-20FD64 CUID-CEB-20FD64 Datasheet
240Kb / 3P
PIEZOELECTRIC DIAPHRAGM
08/05/2022
CEB-27D44 CUID-CEB-27D44 Datasheet
237Kb / 3P
PIEZOELECTRIC DIAPHRAGM
08/05/2022
CPT-2064-L100 CUID-CPT-2064-L100 Datasheet
353Kb / 4P
PIEZOELECTRIC DIAPHRAGM
08/05/2022
CPT-2065-L100 CUID-CPT-2065-L100 Datasheet
311Kb / 4P
PIEZOELECTRIC DIAPHRAGM
08/05/2022
CPT-3529-L100 CUID-CPT-3529-L100 Datasheet
367Kb / 4P
PIEZOELECTRIC DIAPHRAGM
08/05/2022
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com