Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GVPRESSURE Datasheet(PDF) 4 Page - Ashcroft, Inc.

Part # GVPRESSURE
Description  GV Pressure Transducer
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASHCROFT [Ashcroft, Inc.]
Direct Link  https://www.ashcroft.com/
Logo ASHCROFT - Ashcroft, Inc.

GVPRESSURE Datasheet(HTML) 4 Page - Ashcroft, Inc.

  GVPRESSURE Datasheet HTML 1Page - Ashcroft, Inc. GVPRESSURE Datasheet HTML 2Page - Ashcroft, Inc. GVPRESSURE Datasheet HTML 3Page - Ashcroft, Inc. GVPRESSURE Datasheet HTML 4Page - Ashcroft, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
All specifications are subject to change without notice. All sales subject to standard terms and conditions. Ashcroft®
and Trust the Shield® are trademarks of Ashcroft Inc. The following non-Ashcroft trademarks are the property of their
respective owners: 17-4 PH®, Deutsch® and Metri-Pack®. For more information, see Ashcroft Brands & Trademarks
©2022 Ashcroft Inc. gv_transducer_ds_RevB_11-15-22
ashcroft.com
| 1.800.328.8258 | Contact Us
Data Sheet
of 4
4
GV Pressure Transducer
Ø0.95
[Ø24.0]
1.69
[42.9]
1.74
[44.2]
2.60
[65.9]
0.23
[5.7]
1/4 NPT
1/4
[5.7]
[Ø24.0]
[42.9]
[65.9]
[44.2]
10
40
9 (min)
36 (max)
Loop Supply Voltage (Vdc)
[LSV]
Power Supply Voltage vs. Loop Resistance
(4-20mA ONLY)
1400
1200
POWER SUPPLY & LOAD RESISTANCE
Connection - PIN
Connection - PIN
1
2
3
1
2
3
Vs-
V out
Vs+
Vs-
Vs+
Connection - PIN
Connection - PIN
1
2
3
1
2
3
Vs-
V out
Vs+
Vs-
Vs+
DIMENSIONS in [ ] are millimeters
For reference only, consult Ashcroft for specific dimensional drawings
EN 175301-803 Form C
(DIN 43650, Form C)
Voltage Output
4-20 mA Output
1.320
Typical For
All GV
.95
1.76
Wire
Length
FLYING LEADS
1 Meter, 18 AWG
1.06
[27]
[45]
[24]
.23
[6]
Flying Leads 18 AWG
Wire Color
Voltage Output
4-20 mA Output
Red
V +
V +
Black Common
V –
V –
White
Output
IP67 Ingress Rating
Shielded Cable PVC Jacket,
24 AWG Leads, Termination (F2), (P1)
Wire Color
Voltage Output
4-20 mA Output
Red
V +
V +
White
Output
Black
V -
V -
Green
Case Grid
Case Grid
Bare
Drain Wire
Drain Wire
IP65 Ingress Rating
1.40
1.59
.23
.94
1.06
[27]
1.06
[27]
[36]
MINI HIRSCHMANN®**
[24]
.94
[24]
.71
[18]
2.24
[57]
[6]
2.05
[52]
.30 [8]
.23
[6]
[40]
Wire
Length
3-PIN METRI-PACK®*
AMP® SUPERSEAL® DEUTSCH® DT04-3P DEUTSCH® DTM04-3P
.23
Ø.94
2.03
.45
1.02
1.06
.54
2.11
.56
.23
.94
.95
1.13
1.06
.44
.23
2.04
.46
Ø.94
1.06
.81
.67
Optional
Mating
Connector
Optional
Mating
Connector
*Mates to Metri-Pack®
Connector Body 12065286
**Mates to Hirschmann® G4W1F
Connector or Similar



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com