Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

15ADFSTS02T Datasheet(PDF) 3 Page - Ashcroft, Inc.

Part # 15ADFSTS02T
Description  DF Flush Flanged Diaphragm Seal
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASHCROFT [Ashcroft, Inc.]
Direct Link  https://www.ashcroft.com/
Logo ASHCROFT - Ashcroft, Inc.

15ADFSTS02T Datasheet(HTML) 3 Page - Ashcroft, Inc.

  15ADFSTS02T Datasheet HTML 1Page - Ashcroft, Inc. 15ADFSTS02T Datasheet HTML 2Page - Ashcroft, Inc. 15ADFSTS02T Datasheet HTML 3Page - Ashcroft, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Process
Connection Size
inches
Pressure
Class
ØD
B
ØG
ØdM
F
ØK
ØI
H
Weight
(lbs)
1
150
4.33
0.50
2.00
1.26
0.08
3.13
0.63 x 4
2.29
2.20
300
4.92
0.63
3.50
0.75 x 4
2.42
3.31
400/600
0.69
0.28
2.68
4.41
900/1,500
5.91
1.13
4.00
1.00 x 4
3.11
8.82
2,500
6.30
1.38
4.25
3.37
11.02
11⁄2
150
4.92
0.63
2.87
1.73
0.08
3.87
0.63 x 4
2.42
4.41
300
6.10
0.75
4.50
0.87 x 4
2.54
6.61
400/600
0.88
0.28
2.87
7.72
900/1,500
7.09
1.25
4.87
1.13 x 4
3.24
13.23
2,500
8.07
1.75
5.75
1.25 x 4
3.74
23.15
2
150
5.91
0.69
3.63
2.24
0.08
4.75
0.75 x 4
2.48
5.51
300
6.50
0.81
5.00
0.75 x 8
2.62
7.72
400/600
1.00
0.28
2.99
9.92
900/1,500
8.46
1.50
6.50
1.00 x 8
3.49
23.15
2,500
9.23
2.00
6.75
1.13 x 8
3.99
35.27
3
150
7.48
0.88
5.00
3.46
0.08
6.00
0.75 x 4
2.67
12.13
300
8.27
1.05
6.63
0.87 x 4
2.85
15.43
400/600
1.25
0.28
3.25
19.84
900
9.45
1.50
7.50
1.00 x 8
3.49
29.76
1,500
10.43
1.88
8.00
1.25 x 8
3.88
42.99
2,500
12.01
2.63
9.00
1.37 x 8
4.61
77.16
4
150
9.06
0.88
6.19
3.46
0.08
7.50
0.75 x 8
2.67
16.53
300
10.04
1.19
7.87
0.87 x 8
2.98
26.46
400
1.38
0.28
8.50
1.00 x 8
3.37
30.86
600
10.83
1.50
9.25
3.49
38.58
900
11.42
1.75
9.50
1.25 x 8
3.74
60.63
1,500
12.20
2.13
10.75
1.37 x 8
4.11
66.14
2,500
13.8
3.00
1.63 x 8
4.99
119.05
ØdM
ØK
[Ø 30]
1.18
ØG
ØD
ØI
1.06
ACROSS FLATS [27]
INSTRUMENT CONNECTION
THREADS SEE TABLE
1.00
ACROSS FLATS [25.4]
DIMENSIONS in [ ] are millimeters
For reference only, consult Ashcroft for specific dimensional drawings
of 3
3
Data Sheet
DF Flush Flanged Diaphragm Seal
All specifications are subject to change without notice.
All sales subject to standard terms and conditions.
©2022 Ashcroft Inc. df_flush_flanged_seal_ds_RevF_04-14-22
ashcroft.com
info@ashcroft.com
1.800.328.8258



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com