Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

20ADFSTS02T Datasheet(PDF) 2 Page - Ashcroft, Inc.

Part # 20ADFSTS02T
Description  DF Flush Flanged Diaphragm Seal
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASHCROFT [Ashcroft, Inc.]
Direct Link  https://www.ashcroft.com/
Logo ASHCROFT - Ashcroft, Inc.

20ADFSTS02T Datasheet(HTML) 2 Page - Ashcroft, Inc.

  20ADFSTS02T Datasheet HTML 1Page - Ashcroft, Inc. 20ADFSTS02T Datasheet HTML 2Page - Ashcroft, Inc. 20ADFSTS02T Datasheet HTML 3Page - Ashcroft, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
ORDERING CODE
Example:
10
A
DF
S
S
02T
150
RF
XCK
MQ
Process Connection Size
10 - 1 NPS
10
15 - 11⁄2 NPS
20 - 2 NPS
30 - 3 NPS
40 - 4 NPS
Flange Dimension Specification
A - ASME B16.5
A
Seal Type
DF - Flush Diaphragm
DF
Diaphragm Material
S - 316L Stainless Steel
S
P - Monel® 400
U - Tantalum
H - Hastelloy® C-276
SH - Halar®-coated 316L Stainless Steel
ST - Teflon®-coated 316L Stainless Steel
HT - Teflon®-coated Hastelloy C-276
UT - Teflon®-coated Tantalum
W - Gold-plated 316L Stainless Steel
M - Inconel 625
L - Inconel 825
Z- Duplex 2205
Flange and top housing material
S - 316L SS
S
Instrument Connection Size
02T - ¼ NPT Female
02T
04T - ½ NPT Female
Flange Class
150 - ASME 150 class
150
300 - ASME 300 class
600 - ASME 600 class
900 - ASME 900 class
1500 - ASME 1500 class
2500 - ASME 2500 class
Flange Form (Contact Ashcroft for other range forms)
RF - Raised Face
RF
RJ - Ring Joint
Options (if choosing option(s) must include an “X”)
X__
Fill Fluid
CK - Silicone 50cST
CK
DJ - Silicone 10cST
CF - Halocarbon®
HA - Syltherm®
Optional Features
6B - Cleaned for oxygen service
DU - Instrument welded to seal
NH - Wired Stainless Steel tags
C3 - EN 3.1 Traceability
CD5 - NACE certificate
MQ - Positive material identification
MQ
AT - ATEX approval
of 3
2
Data Sheet
DF Flush Flanged Diaphragm Seal
All specifications are subject to change without notice.
All sales subject to standard terms and conditions.
©2022 Ashcroft Inc. df_flush_flanged_seal_ds_RevF_04-14-22
ashcroft.com
info@ashcroft.com
1.800.328.8258



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com