Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

E2GC3CS2012CCX Datasheet(PDF) 5 Page - Ashcroft, Inc.

Part # E2GC3CS2012CCX
Description  E2 Sanitary Pressure Transducer
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASHCROFT [Ashcroft, Inc.]
Direct Link  https://www.ashcroft.com/
Logo ASHCROFT - Ashcroft, Inc.

E2GC3CS2012CCX Datasheet(HTML) 5 Page - Ashcroft, Inc.

  E2GC3CS2012CCX Datasheet HTML 1Page - Ashcroft, Inc. E2GC3CS2012CCX Datasheet HTML 2Page - Ashcroft, Inc. E2GC3CS2012CCX Datasheet HTML 3Page - Ashcroft, Inc. E2GC3CS2012CCX Datasheet HTML 4Page - Ashcroft, Inc. E2GC3CS2012CCX Datasheet HTML 5Page - Ashcroft, Inc. E2GC3CS2012CCX Datasheet HTML 6Page - Ashcroft, Inc.  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
Data Sheet
E2 Sanitary Pressure Transducer
of 6
5
All specifications are subject to change without notice. All sales subject to standard terms and conditions.
Ashcroft® and Trust the Shield® are trademarks of Ashcroft Inc. The following non-Ashcroft trademarks are
the property of their respective owners: 17-4PH®, AMP®, Deutsch®, Hirschmann®, Metri-Pack®, Neobee®,
Superseal® and Tri-Clamp®. For more information, see Ashcroft Brands & Trademarks
©2024 Ashcroft Inc. e2_san_seal_trans_ds_RevG_10-24-24
ashcroft.com
| 1.800.328.8258 | Contact Us
.81
Ø.47
2.33
.75
L
.78
MIL-DTL-26482
8-4
Code "B4"
"B4"
with Mate
B
A
D
C
"HM"
with Mate
.66
.63
.63
1.31
.63
.98
L
Mini
Hirschmann
Code "HM"
4
3
2
1
1.30
1.142
Hex.
M20 Conduit
w/ Flying Leads
Code "MF"
L
1.30
L
.875
Hex.
½ NPT Conduit
w/ Flying Leads
Code "CF"
1.16
Ø 1.34
2.11
1.08
L
1.37
EN 175301-803
Form A
Code "DA"
"DA"
with Mate
1
2
GND
3
1.10
L
.875
Hex.
½ NPT Conduit
w/ Cable
Code "CC/CV"
1.36
1.01
1.75
.62
L
DT04-3P
Code "DT"
"DT"
with Mate
3
2
1
1.31
1.02
1.77
L
1.02
.92
AMP
Superseal
3-pin
Code "AP"
"AP"
with Mate
3
2
1
1.36
"GN"
with Mate
1.04
.08
B
A
C
Ø .63
.90
Metri-pack
3-pin
Code "GN"
L
.81
1.45
.62
1.15
L
EN 175301-803
Form C
Code "DC"
"DC"
with Mate
1
2
GND
3
.65
Ø.75
Overmold
Cable
Code "FC/FV"
L
"EW"
with Mate
1.47
Ø.71
.47
Ø.47
1.24
M12
4-pin
Code "EW"
L
2
4
3
1
1.10
L
1.142
Hex.
M20 Conduit
w/Cable
Code "MC/MV"
Metri-Pack® 3-Pin
Code: GN – IP67 (NEMA 4X)
-40 °F to 185 °F (-40 °C to 85 °C)
AMP® Superseal® 3-Pin
Code: AP – IP66 (NEMA 4X)
-40 °F to 185 °F (-40 °C to 85 °C)
Over-Mold Cable
Code: FC, FV* – IP67 (NEMA 4X)
-40 °F to 185 °F (-40 °C to 85 °C)
M12 4-Pin
Code: EW – IP66 (NEMA 4X)
-40 °F to 185 °F (-40 °C to 85 °C)
TABLE 4 - ELECTRICAL TERMINATION DIMENSIONS
Maximum temperature range listed
DEUTSCH® DT04 3-Pin
Code: DT – IP66 (NEMA 4X)
-40 °F to 185 °F (-40 °C to 85 °C)
Hirschmann® EN 175301-803
Form A
Code: DA – IP66 (NEMA 4X)
-40 °F to 185 °F (-40 °C to 85 °C)
Mini-Hirschmann®
Code: HM – IP66 (NEMA 4X)
-40 °F to 185 °F (-40 °C to 85 °C)
MIL DTL 26482 8 4-Pin
Code: B4 – No IP or NEMA rating
-40 °F to 221 °F (-25 °C to 105 °C)
Hirschmann® EN
175301-803 Form C
Code: DC
IP66 (NEMA 4X)
-40 °F to 185 °F (-40 °C to 85 °C)
M20 Conduit
With Cable
Code: MC, MV*
IP67 (NEMA 4X)
-40 °F to 257 °F (-40 °C to 125 °C)
½ NPT Conduit
With Cable
Code: CC, CV*
IP67 (NEMA 4X)
-40 °F to 257 °F (-40 °C to 125 °C)
½ NPT Conduit
With Flying Leads
Code: CF
IP67 (NEMA 4X)
-40 °F to 257 °F (-40 °C to 125 °C)
M20 Conduit
With Flying Leads
Code: MF
IP67 (NEMA 4X)
-40 °F to 257 °F (-40 °C to 125 °C)
Note: * Indicates Vented Cable



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com