Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74LS367 Datasheet(PDF) 1 Page - SYC Electronica

Part # 74LS367
Description  3-state Hex Buffers
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYC [SYC Electronica]
Direct Link  https://www.sycelectronica.com.ar/index.php
Logo SYC - SYC Electronica

74LS367 Datasheet(HTML) 1 Page - SYC Electronica

  74LS367 Datasheet HTML 1Page - SYC Electronica 74LS367 Datasheet HTML 2Page - SYC Electronica 74LS367 Datasheet HTML 3Page - SYC Electronica 74LS367 Datasheet HTML 4Page - SYC Electronica  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
SN74LS365A SN74LS367A
SN74LS368A
3-State Hex Buffers
These devices are high speed hex buffers with 3-state outputs. They
are organized as single 6-bit or 2-bit / 4-bit, with inverting or
non-inverting data (D) paths. The outputs are designed to drive 15
TTL Unit Loads or 60 Low Power Schottky loads when the Enable (E)
is LOW.
When the Output Enable (E) is HIGH, the outputs are forced to a
high impedance “off” state. If the outputs of the 3-state devices are tied
together, all but one device must be in the high impedance state to
avoid high currents that would exceed the maximum ratings.
Designers should ensure that Output Enable signals to 3-state devices
whose outputs are tied together are designed so there is no overlap.
GUARANTEED OPERATING RANGES
Symbol
Parameter
Min
Typ
Max
Unit
VCC
Supply Voltage
4.75
5.0
5.25
V
TA
Operating Ambient
Temperature Range
0
25
70
°C
IOH
Output Current – High
– 2.6
mA
IOL
Output Current – Low
24
mA
LOW
POWER
SCHOTTKY
SOIC
D SUFFIX
CASE 751B
PLASTIC
N SUFFIX
CASE 648
16
1
16
1


Similar Part No. - 74LS367

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
74LS367 MOTOROLA-74LS367 Datasheet
148Kb / 5P
3-STATE HEX BUFFERS
logo
National Semiconductor ...
74LS367 NSC-74LS367 Datasheet
137Kb / 6P
Hex TRI-STATE Buffers
logo
ON Semiconductor
74LS367 ONSEMI-74LS367 Datasheet
93Kb / 4P
LOW POWER SCHOTTKY
December, 1999 ??Rev. 6
logo
Texas Instruments
74LS367 TI-74LS367 Datasheet
682Kb / 21P
HEX BUS DROVERS WITH 3-STATE OUTPUTS
logo
Fairchild Semiconductor
74LS367 FAIRCHILD-74LS367 Datasheet
47Kb / 4P
Hex 3-STATE Buffer/Bus Driver
More results

Similar Description - 74LS367

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
SN54LS365A MOTOROLA-SN54LS365A Datasheet
148Kb / 5P
3-STATE HEX BUFFERS
logo
National Semiconductor ...
54LS365A NSC-54LS365A Datasheet
131Kb / 6P
Hex TRI-STATE Buffers
54LS367A NSC-54LS367A Datasheet
137Kb / 6P
Hex TRI-STATE Buffers
DM54367 NSC-DM54367 Datasheet
94Kb / 4P
Hex TRI-STATE Buffers
MM70C95 NSC-MM70C95 Datasheet
159Kb / 8P
TRI-STATE Hex Inverters, Buffers
logo
Fairchild Semiconductor
MM80C95 FAIRCHILD-MM80C95 Datasheet
83Kb / 7P
3-STATE Hex Buffers 3-STATE Hex Inverters
logo
List of Unclassifed Man...
DM80L98 ETC1-DM80L98 Datasheet
90Kb / 2P
TRI-STATE Hex Buffers
DM8094 ETC1-DM8094 Datasheet
70Kb / 2P
TRI-STATE Hex Buffers
8T95 ETC1-8T95 Datasheet
228Kb / 4P
High Speed Hex 3-State Buffers/Inverters
logo
STMicroelectronics
T74LS365A STMICROELECTRONICS-T74LS365A Datasheet
87Kb / 4P
3-STATE HEX BUFFERS
Sep-1988
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com