Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CD74HC21 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # CD74HC21
Description  High-Speed CMOS Logic Dual 4-Input AND Gate
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CD74HC21 Datasheet(HTML) 1 Page - Texas Instruments

  CD74HC21 Datasheet HTML 1Page - Texas Instruments CD74HC21 Datasheet HTML 2Page - Texas Instruments CD74HC21 Datasheet HTML 3Page - Texas Instruments CD74HC21 Datasheet HTML 4Page - Texas Instruments CD74HC21 Datasheet HTML 5Page - Texas Instruments CD74HC21 Datasheet HTML 6Page - Texas Instruments CD74HC21 Datasheet HTML 7Page - Texas Instruments CD74HC21 Datasheet HTML 8Page - Texas Instruments CD74HC21 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
1
Data sheet acquired from Harris Semiconductor
SCHS131C
Features
• Buffered Inputs
• Typical Propagation Delay: 9ns at VCC = 5V,
CL = 15pF, TA = 25
oC
• Fanout (Over Temperature Range)
- Standard Outputs . . . . . . . . . . . . . . . 10 LSTTL Loads
- Bus Driver Outputs . . . . . . . . . . . . . 15 LSTTL Loads
• Wide Operating Temperature Range . . . -55oC to 125oC
• Balanced Propagation Delay and Transition Times
• Significant Power Reduction Compared to LSTTL
Logic ICs
• HC Types
- 2V to 6V Operation
- High Noise Immunity: NIL = 30%, NIH = 30% of VCC
at VCC = 5V
• HCT Types
- 4.5V to 5.5V Operation
- Direct LSTTL Input Logic Compatibility,
VIL= 0.8V (Max), VIH = 2V (Min)
- CMOS Input Compatibility, Il ≤ 1µA at VOL, VOH
Description
The ’HC21 and CD74HCT21 logic gates utilize silicon gate
CMOS technology to achieve operating speeds similar to
LSTTL gates with the low power consumption of standard
CMOS integrated circuits. All devices have the ability to drive
10 LSTTL loads. The HCT logic family is functionally pin
compatible with the standard LS logic family.
Pinout
CD54HC21
(CERDIP)
CD74HC21, CD74HCT21
(PDIP, SOIC)
TOP VIEW
Ordering Information
PART NUMBER
TEMP. RANGE
(oC)
PACKAGE
CD54HC21F3A
-55 to 125
14 Ld CERDIP
CD74HC21E
-55 to 125
14 Ld PDIP
CD74HC21M
-55 to 125
14 Ld SOIC
CD74HC21MT
-55 to 125
14 Ld SOIC
CD74HC21M96
-55 to 125
14 Ld SOIC
CD74HCT21E
-55 to 125
14 Ld PDIP
CD74HCT21M
-55 to 125
14 Ld SOIC
CD74HCT21MT
-55 to 125
14 Ld SOIC
CD74HCT21M96
-55 to 125
14 Ld SOIC
NOTE: When ordering, use the entire part number. The suffix 96
denotes tape and reel. The suffix T denotes a small-quantity reel of
250.
1A
1B
NC
1C
1D
1Y
GND
VCC
2D
2C
NC
2B
2A
2Y
1
2
3
4
5
6
7
14
13
12
11
10
9
8
August 1997 - Revised September 2003
CAUTION: These devices are sensitive to electrostatic discharge. Users should follow proper IC Handling Procedures.
Copyright
© 2003, Texas Instruments Incorporated
CD54HC21, CD74HC21,
CD74HCT21
High-Speed CMOS Logic
Dual 4-Input AND Gate
[ /Title
(CD74H
C21,
CD74H
CT21)
/Subject
(High
Speed
CMOS
Logic
Dual 4-
Input


Similar Part No. - CD74HC21

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD74HC21 TI-CD74HC21 Datasheet
42Kb / 6P
High Speed CMOS Logic Dual 4-Input AND Gate
CD74HC21 TI-CD74HC21 Datasheet
265Kb / 10P
High-Speed CMOS Logic Dual 4-Input AND Gate
CD74HC21 TI-CD74HC21 Datasheet
440Kb / 13P
High-Speed CMOS Logic Dual 4-Input AND Gate
CD74HC21 TI2-CD74HC21 Datasheet
1Mb / 27P
CDx4HC21 Dual 4-Input AND Gates
REVISED MAY 2021
CD74HC21E TI-CD74HC21E Datasheet
42Kb / 6P
High Speed CMOS Logic Dual 4-Input AND Gate
More results

Similar Description - CD74HC21

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD74HC20 TI-CD74HC20 Datasheet
45Kb / 6P
High Speed CMOS Logic Dual 4-Input NAND Gate
CD74HC21 TI-CD74HC21 Datasheet
42Kb / 6P
High Speed CMOS Logic Dual 4-Input AND Gate
CD74HC4002 TI-CD74HC4002 Datasheet
36Kb / 5P
High Speed CMOS Logic Dual 4-Input NOR Gate
CD54HC20 TI-CD54HC20 Datasheet
257Kb / 9P
High-Speed CMOS Logic Dual 4-Input NAND Gate
CD54HC4002 TI-CD54HC4002 Datasheet
337Kb / 12P
High-Speed CMOS Logic Dual 4-Input NOR Gate
CD54HC21 TI-CD54HC21 Datasheet
265Kb / 10P
High-Speed CMOS Logic Dual 4-Input AND Gate
CD54HC4002 TI-CD54HC4002_07 Datasheet
489Kb / 14P
High-Speed CMOS Logic Dual 4-Input NOR Gate
CD54HC21 TI-CD54HC21_08 Datasheet
440Kb / 13P
High-Speed CMOS Logic Dual 4-Input AND Gate
CD74HC20-Q1 TI1-CD74HC20-Q1 Datasheet
141Kb / 7P
HIGH-SPEED CMOS LOGIC DUAL 4-INPUT NAND GATE
CD74HCT20EE4 TI1-CD74HCT20EE4 Datasheet
603Kb / 14P
High-Speed CMOS Logic Dual 4-Input NAND Gate
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com