Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74LS574 Datasheet(PDF) 4 Page - SYC Electronica

Part # 74LS574
Description  Octal D-Type Flip-Flop with 3-STATE Outputs
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYC [SYC Electronica]
Direct Link  https://www.sycelectronica.com.ar/index.php
Logo SYC - SYC Electronica

74LS574 Datasheet(HTML) 4 Page - SYC Electronica

  74LS574 Datasheet HTML 1Page - SYC Electronica 74LS574 Datasheet HTML 2Page - SYC Electronica 74LS574 Datasheet HTML 3Page - SYC Electronica 74LS574 Datasheet HTML 4Page - SYC Electronica 74LS574 Datasheet HTML 5Page - SYC Electronica 74LS574 Datasheet HTML 6Page - SYC Electronica  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Switching Characteristics
VCC = +5.0V, TA = +25°C
Symbol
Parameter
RL = 2 kΩ, CL = 45 pF
Units
Min
Max
fMAX
Maximum Clock Frequency
35
MHz
tPLH
Propagation Delay
28
ns
tPHL
CP to On
28
tPZH
Output Enable Time
28
ns
tPZL
28
tPHZ
Output Disable Time
20
ns
tPLZ
25
www.sycelectronica.com.ar



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com