Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

151-NEGRO Datasheet(PDF) 1 Page - AG Electronica

Part # 151-NEGRO
Description  GABINETE S NEGRO 143 X 83 X 38 mm
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AGELECTRONICA [AG Electronica]
Direct Link  https://www.agelectronica.com/
Logo AGELECTRONICA - AG Electronica

151-NEGRO Datasheet(HTML) 1 Page - AG Electronica

  151-NEGRO Datasheet HTML 1Page - AG Electronica 151-NEGRO Datasheet HTML 2Page - AG Electronica  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
http://www.agelectronica.com
http://www.agelectronica.com
||
|||||
151-NEGRO: GABINETE S NEGRO 143 X 83 X 38 mm
Descripción
Es un gabinete electrónico de escritorio, fabricado en dos piezas con plástico ABS.
Especificaciones
Dimensiones: 143x83x38 mm
Color: Negro
Diseño estándar de 2 piezas
Incluye 4 tornillos para su ensamble
Aplicaciones
Este gabinete puede ser usado para guardar componentes electrónicos en su interior, para proteger
diseños de PCB o para montar diversos proyectos de electrónica.


Similar Part No. - 151-NEGRO

ManufacturerPart #DatasheetDescription
logo
HellermannTyton.
151-00000 HELLERMANNTYTON-151-00000 Datasheet
412Kb / 4P
Cable Ties and Fixings Clips, Clamps and Plugs
October 2015
logo
Gamewell-FCI by Honeywe...
151-00023 GAMEWELL-FCI-151-00023 Datasheet
583Kb / 4P
Emergency Voice Evacuation System
151-00027 GAMEWELL-FCI-151-00027 Datasheet
583Kb / 4P
Emergency Voice Evacuation System
151-00028 GAMEWELL-FCI-151-00028 Datasheet
583Kb / 4P
Emergency Voice Evacuation System
151-00029 GAMEWELL-FCI-151-00029 Datasheet
583Kb / 4P
Emergency Voice Evacuation System
More results

Similar Description - 151-NEGRO

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AFB1212SHE ETC-AFB1212SHE Datasheet
87Kb / 1P
120 x 120 x 38 MM SERIES
AFB0612EHE ETC2-AFB0612EHE Datasheet
179Kb / 1P
60 x 60 x 38 MM SERIES
FFB0812SHE ETC2-FFB0812SHE Datasheet
110Kb / 1P
80 x 80 x 38 MM SERIES
FFB1012EHE ETC2-FFB1012EHE Datasheet
399Kb / 1P
100 x 100 x 38 MM SERIES
FFB1224EHE ETC2-FFB1224EHE Datasheet
69Kb / 1P
120 x 120 x 38 MM SERIES
PFB0924DHE ETC2-PFB0924DHE Datasheet
471Kb / 1P
92 x 92 x 38 MM SERIES
FFB0912EHE ETC2-FFB0912EHE Datasheet
200Kb / 1P
92 x 92 x 38 MM SERIES
PFB1224UHE ETC2-PFB1224UHE Datasheet
479Kb / 1P
120 x 120 x 38 MM SERIES
logo
Delta Electronics, Inc.
QFR DELTA-QFR Datasheet
256Kb / 1P
QFR 120 x 120 x 38 MM SERIES
FFB1424GHE DELTA-FFB1424GHE Datasheet
929Kb / 1P
140 x 140 x 38 MM SERIES
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com