Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMDLH5030S-R47M Datasheet(PDF) 2 Page - Abracon Corporation

Part # AMDLH5030S-R47M
Description  Molded Inductor (Metal Alloy)
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation

AMDLH5030S-R47M Datasheet(HTML) 2 Page - Abracon Corporation

  AMDLH5030S-R47M Datasheet HTML 1Page - Abracon Corporation AMDLH5030S-R47M Datasheet HTML 2Page - Abracon Corporation AMDLH5030S-R47M Datasheet HTML 3Page - Abracon Corporation AMDLH5030S-R47M Datasheet HTML 4Page - Abracon Corporation AMDLH5030S-R47M Datasheet HTML 5Page - Abracon Corporation AMDLH5030S-R47M Datasheet HTML 6Page - Abracon Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
ABRACON IS
ISO9001-2015
CERTIFIED
Molded Inductor (Metal Alloy)
AMDLH5030S
5.6 x 5.2 x 2.8 mm
RoHS/RoHS II Compliant
MSL Level = 1
Request Samples
Check Inventory
REVISION Initial Release :
2/28/2024
5101 Hidden Creek Ln, Spicewood TX 78669
Phone: 512-371-6159 Fax: 512-351-8858
For terms and conditions of sales, please visit:
www.abracon.com
XXX
YYWW
AMDLH5030S -
Marking Method = Ink Marking
Inductance Code
See Electrical Specification table
Packaging
T: Tape and Reel (See Packaging)
Blank: Bulk
Tolerance
M = ± 20%
Part Identification
Marking
Inductance Code
e.g. 2R2
W: Week: E.g. 05 for the 5th week
of the year.
Y: Year: E.g. 24 for 2024



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com