Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM22CWCKGCM2/1500A Datasheet(PDF) 4 Page - Ashcroft, Inc.

Part # AM22CWCKGCM2/1500A
Description  ATE-2 Handheld Calibrator
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASHCROFT [Ashcroft, Inc.]
Direct Link  https://www.ashcroft.com/
Logo ASHCROFT - Ashcroft, Inc.

AM22CWCKGCM2/1500A Datasheet(HTML) 4 Page - Ashcroft, Inc.

  AM22CWCKGCM2/1500A Datasheet HTML 1Page - Ashcroft, Inc. AM22CWCKGCM2/1500A Datasheet HTML 2Page - Ashcroft, Inc. AM22CWCKGCM2/1500A Datasheet HTML 3Page - Ashcroft, Inc. AM22CWCKGCM2/1500A Datasheet HTML 4Page - Ashcroft, Inc. AM22CWCKGCM2/1500A Datasheet HTML 5Page - Ashcroft, Inc. AM22CWCKGCM2/1500A Datasheet HTML 6Page - Ashcroft, Inc. AM22CWCKGCM2/1500A Datasheet HTML 7Page - Ashcroft, Inc. AM22CWCKGCM2/1500A Datasheet HTML 8Page - Ashcroft, Inc. AM22CWCKGCM2/1500A Datasheet HTML 9Page - Ashcroft, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
4 of 9
ATE-2 Handheld Calibrator
Data Sheet
All specifications are subject to change without notice. All sales subject to standard terms and conditions.
Ashcroft®, Quick-Select™ and Trust the Shield® are trademarks of Ashcroft Inc. The following non-Ashcroft trademarks
are the property of their respective owners: 17-4 PH®, VCR®. For more information, see Ashcroft Brands & Trademarks
©2023 Ashcroft Inc. ate-2_calibrator_ds_RevG_01-31-23
ashcroft.com
| 1.800.328.8258 | Contact Us
DIFFERENTIAL PRESSURE RANGES
in. H2O
mm Hg
kPa
mbar
cm H2O
mm H2O
0.25
0.5
0.2
0.6
0.6
6
0.5
1
0.5
1
1.5
15
1
2
1
2.5
3
30
2
3
2.5
4
5
50
3
5
4
6
6
60
5
10
6
10
15
150
10
20
10
25
30
300
15
30
25
40
60
600
25
50
40
60
150
1500
50
100
100
200
2000
100
200
250
500
5000
150
300
400
200
ORDERING CODE
Example:
AM2
1
C
A
D
INH2O/
100
A
Model
AM2 - Low pressure module
AM2
Sensor Type
1 - Capacitive sensor
1
Accuracy
B - ±0.1% Accuracy (STD.)
C - ±0.06% Accuracy (STD.) (“C” accuracy is ±0.06% for ranges 1.0 in. H2O and higher)
C
C - ±0.07% Accuracy (STD.) (“C” accuracy is ±0.07% for ranges below 1.0 in. H2O and
bolded values in range table)
Media Compatibility
A - Non-Isolated Sensor
A
Pressure Type
C - Compound
D - Differential
D
Pressure Units
INH2O
INH2O/
MMHG
KPA
MBAR
CMH2O
MMH2O
Ranges (see range table below)
100
100
Inlet Fitting
A - 1⁄8 NPT Female
A
Bold type indicates “C” accuracy is ±0.07% of full span.
Consult factory for additional ranges and units of measure.
Ranges available per unit of measure.
COMPOUND PRESSURE RANGES
(All prefixed by ± sign)
in. H2O
mm Hg
kPa
mbar
cm H2O
mm H2O
0.125
0.2
0.1
0.25
0.3
3
0.25
0.5
0.25
0.6
0.6
6
0.5
1
0.4
1
1.5
15
1
2
0.6
2.5
3
30
1.5
3
1
4
5
50
2.5
5
1.6
6
6
60
5
10
2.5
10
15
150
7.5
15
6
16
20
200
12.5
20
10
25
30
300
25
50
25
60
60
600
50
75
100
150
1500
75
100
160
200
2000
100
150
250
300
3000
200
AM2-1 Low Pressure Modules



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com