Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PS9552-AX Datasheet(PDF) 13 Page - California Eastern Labs

Part # PS9552-AX
Description  2.5 A OUTPUT CURRENT, HIGH CMR IGBT GATE DRIVE PHOTOCOUPLER 8-PIN DIP PHOTOCOUPLER
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CEL [California Eastern Labs]
Direct Link  http://www.cel.com
Logo CEL - California Eastern Labs

PS9552-AX Datasheet(HTML) 13 Page - California Eastern Labs

Back Button PS9552-AX Datasheet HTML 9Page - California Eastern Labs PS9552-AX Datasheet HTML 10Page - California Eastern Labs PS9552-AX Datasheet HTML 11Page - California Eastern Labs PS9552-AX Datasheet HTML 12Page - California Eastern Labs PS9552-AX Datasheet HTML 13Page - California Eastern Labs PS9552-AX Datasheet HTML 14Page - California Eastern Labs PS9552-AX Datasheet HTML 15Page - California Eastern Labs PS9552-AX Datasheet HTML 16Page - California Eastern Labs PS9552-AX Datasheet HTML 17Page - California Eastern Labs Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 23 page
background image
Data Sheet PN10589EJ03V0DS
13
PS9552,PS9552L1,PS9552L2,PS9552L3
Ambient Temperature TA (˚C)
SUPPLY CURRENT vs.
AMBIENT TEMPERATURE
–20
0
20
40
100
80
60
–40
3.5
3
2.5
2
1.5
VCC = 30 V,
VEE = GND,
VO = OPEN
ICCH (IF = 10 mA)
ICCL (IF = 0 mA)
Ambient Temperature TA (˚C)
Supply Voltage VCC (V)
SUPPLY CURRENT vs.
AMBIENT TEMPERATURE
0
3
0
2
5
125
3.5
3
2.5
2
1.5
VEE = GND,
VO = OPEN
ICCH (IF = 10 mA)
ICCL (IF = 0 mA)
HIGH LEVEL OUTPUT VOLTAGE – SUPPLY
VOLTAGE vs. AMBIENT TEMPERATURE
–20
0
20
40
100
80
60
–40
0
–1
–2
–3
–4
VCC = 30 V, VEE = GND,
IF = 10 mA, IO = –100 mA
Ambient Temperature TA (˚C)
HIGH LEVEL OUTPUT CURRENT vs.
AMBIENT TEMPERATURE
Ambient Temperature TA (˚C)
LOW LEVEL OUTPUT VOLTAGE vs.
AMBIENT TEMPERATURE
–20
0
20
40
100
80
60
–40
0.25
0.20
0.15
0.10
0.05
0
VCC = 30 V, VEE = GND,
IF = 0 mA, IO = 100 mA
–20
0
20
40
100
80
60
–40
3
2.5
2
1.5
1
VCC = 30 V, VEE = GND,
IF = 10 mA, VCC–VO = 4 V
Ambient Temperature TA (˚C)
LOW LEVEL OUTPUT CURRENT vs.
AMBIENT TEMPERATURE
–20
0
20
40
100
80
60
–40
4
3
2
1
0
VCC = 30 V, VEE = GND,
IF = 0 mA, VO = 2.5 V
Remark
The graphs indicate nominal characteristics.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com