Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACDBTS140R-HF Datasheet(PDF) 1 Page - Comchip Technology

Part # ACDBTS140R-HF
Description  SMD Schottky Barrier Diode
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

ACDBTS140R-HF Datasheet(HTML) 1 Page - Comchip Technology

  ACDBTS140R-HF Datasheet HTML 1Page - Comchip Technology ACDBTS140R-HF Datasheet HTML 2Page - Comchip Technology ACDBTS140R-HF Datasheet HTML 3Page - Comchip Technology ACDBTS140R-HF Datasheet HTML 4Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
ACDBTS140R-HF
SMD Schottky Barrier Diode
RoHS Device
Halogen Free
Comchip Technology CO., LTD.
REV:A
Page 1
AQW-G1031
TS/SOD-123FL
Dimensions in inches and (millimeter)
0.043(1.10)
0.031(0.80)
0.146(3.70)
0.137(3.50)
0.075(1.90)
0.066(1.70)
0.008(0.20)
0.003(0.10)
0.039(1.00)
0.035(0.90)
0.028(0.70)
0.015(0.40)
0.028(0.70)
0.015(0.40)
0.114(2.90)
0.106(2.70)
Circuit Diagram
Mechanical data
- Case: SOD-123FL, molded plastic.
- Polarity: Indicated by cathode band.
- Mounting position: Any.
- Terminals: Solderable per MIL-STD-750,
method 2026.
Features
- Low forward voltage.
- Designed for mounting on small surface.
- Low reverse current.
Electrical Characteristics (at TA=25°C unless otherwise noted)
Symbol
Typ
Parameter
Min
Max
Unit
Conditions
µA
Forward voltage
VF
mV
Reverse current
IF = 1A
500
VR = 40V
500
IR
Junction capacitance
pF
CJ
VR = 0V, f = 1MHz
169
Maximum Rating (at TA=25°C unless otherwise noted)
Typ
Average forward rectified current
Reverse voltage
Repetitive peak reverse voltage
Forward current, surge peak
Parameter
Min
Max
Unit
V
V
A
A
°C
Storage temperature range
Junction temperature range
°C
mW
Power dissipation
IO
VR
VRRM
Symbol
Conditions
IFSM
TSTG
Tj
PD
8.3ms single half sine-wave superimposed
on rate load (JEDEC method)
40
40
1
30
400
125
125
-55
-55
RMS reverse voltage
VRMS
V
28
Thermal resistance
Junction to case
RθJC
°C
51
- AEC-Q101 Qualified & PPAP.


Similar Part No. - ACDBTS140R-HF

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
ACDBTS1100R-HF COMCHIP-ACDBTS1100R-HF Datasheet
463Kb / 4P
SMD Schottky Barrier Diode
REV:A
ACDBTS160R-HF COMCHIP-ACDBTS160R-HF Datasheet
460Kb / 4P
SMD Schottky Barrier Diode
REV:A
More results

Similar Description - ACDBTS140R-HF

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
RB521G30-G COMCHIP-RB521G30-G Datasheet
51Kb / 2P
SMD Schottky Barrier Diode
CDBF0145 COMCHIP-CDBF0145 Datasheet
151Kb / 2P
SMD Schottky Barrier Diode
CDBF0245 COMCHIP-CDBF0245 Datasheet
151Kb / 2P
SMD Schottky Barrier Diode
CDBF0520 COMCHIP-CDBF0520 Datasheet
124Kb / 2P
SMD Schottky Barrier Diode
CDBFR40 COMCHIP-CDBFR40 Datasheet
72Kb / 2P
SMD Schottky Barrier Diode
CDBFR0145 COMCHIP-CDBFR0145 Datasheet
76Kb / 2P
SMD Schottky Barrier Diode
CDBFR00340 COMCHIP-CDBFR00340 Datasheet
74Kb / 2P
SMD Schottky Barrier Diode
CDBFR0520L COMCHIP-CDBFR0520L Datasheet
73Kb / 2P
SMD Schottky Barrier Diode
CDBU70 COMCHIP-CDBU70 Datasheet
74Kb / 2P
SMD Schottky Barrier Diode
CDBUR42 COMCHIP-CDBUR42 Datasheet
73Kb / 2P
SMD Schottky Barrier Diode
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com