Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACPDUC24VAS-HF Datasheet(PDF) 3 Page - Comchip Technology

Part # ACPDUC24VAS-HF
Description  SMD ESD Protection Diode
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

ACPDUC24VAS-HF Datasheet(HTML) 3 Page - Comchip Technology

  ACPDUC24VAS-HF Datasheet HTML 1Page - Comchip Technology ACPDUC24VAS-HF Datasheet HTML 2Page - Comchip Technology ACPDUC24VAS-HF Datasheet HTML 3Page - Comchip Technology ACPDUC24VAS-HF Datasheet HTML 4Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
SMD ESD Protection Diode
Comchip Technology CO., LTD.
REV:A
Page 3
Reel Taping Specification
Trailer
Device
Leader
400mm (min)
160mm (min)
.......
.......
.......
.......
.......
.......
.......
.......
End
Start
Direction of Feed
Index hole
A
B
d
C
E
F
P0
P
P1
W
T
D
D2
D1
W1
0603C
(SOD-523F)
0603C
(SOD-523F)
SYMBOL
(mm)
(inch)
SYMBOL
(mm)
(inch)
A
B
d
C
D
D2
D1
E
F
P0
P
P1
W
T
W1
1.05 ± 0.05
1.96 ± 0.05
0.57 ± 0.05
178.00 ± 1.00
60.00 ± 0.50
13.50 ± 0.20
1.50 + 0.10
− 0.00
0.041 ± 0.002 0.077 ± 0.002 0.022 ± 0.002
7.008 ± 0.039 2.362 ± 0.020 0.531 ± 0.008
0.059 + 0.004
− 0.000
0.472 + 0.020
− 0.000
0.069 ± 0.004 0.138 ± 0.002 0.157 ± 0.004
0.079 ± 0.002 0.008 ± 0.001 0.315 ± 0.008
0.157 ± 0.002
1.75 ± 0.10
3.50 ± 0.05
4.00 ± 0.10
2.00 ± 0.05
0.20 ± 0.03
8.00 ± 0.20
12.00 + 0.50
− 0.00
4.00 ± 0.05
AQW-G7083



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com