Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACPDV24V0-HF Datasheet(PDF) 1 Page - Comchip Technology

Part # ACPDV24V0-HF
Description  SMD ESD Protection Diode
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

ACPDV24V0-HF Datasheet(HTML) 1 Page - Comchip Technology

  ACPDV24V0-HF Datasheet HTML 1Page - Comchip Technology ACPDV24V0-HF Datasheet HTML 2Page - Comchip Technology ACPDV24V0-HF Datasheet HTML 3Page - Comchip Technology ACPDV24V0-HF Datasheet HTML 4Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
ACPDV24V0-HF
SMD ESD Protection Diode
Comchip Technology CO., LTD.
Features
RoHS Device
Halogen Free
REV:A
Page 1
AQW-JP015
- 350W peak pulse power (tp=8/20µs).
- Bi-directional ESD protection.
- Low clamping voltage.
- Low reverse clamping voltage.
Mechanical data
- Case: SOD-323, molded plastic.
- Terminals: Matte tin-plated leads, solderability
per MIL-STD-202, method 208.
- Molding compound: UL flammability classification
rating 94V-0.
- Mounting position: Any.
SOD-323
Dimensions in inches and (millimeter)
0.071(1.80)
0.063(1.60)
0.055(1.40)
0.047(1.20)
0.108(2.75)
0.100(2.55)
0.014(0.35)
0.010(0.25)
0.006(0.15)
0.017(0.42)
0.004(0.10)
0.001(0.02)
0.009(0.22)
0.035(0.90)
0.031(0.80)
0.002(0.05)
- AEC-Q101 Qualified.
Circuit Diagram
W
kV
kV
Parameter
Symbol
Value
Unit
Maximum Rating (at TA=25°C unless otherwise noted)
VESD-A
VESD-C
PPP
IEC 61000-4-2; ESD (air)
IEC 61000-4-2; ESD (contact)
Peak pulse power (tp = 8/20µs)
°C
°C
TSTG
TJ
Junction temperature
Storage temperature range
125
-55 to +150
350
±30
±30
Thermal resistance junction-to-air
Thermal resistance junction-to-case
°C/W
°C/W
RθJA
RθJC
454
170
Lead solder temperature (10 seconds duration)
TL
260
°C


Similar Part No. - ACPDV24V0-HF

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
ACPDV24V0A-HF COMCHIP-ACPDV24V0A-HF Datasheet
488Kb / 5P
SMD ESD Protection Diode
REV:A
More results

Similar Description - ACPDV24V0-HF

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
CPDERT5V0U-HF COMCHIP-CPDERT5V0U-HF Datasheet
97Kb / 4P
SMD ESD Protection Diode
CPDF24V0U-HF COMCHIP-CPDF24V0U-HF Datasheet
98Kb / 4P
SMD ESD Protection Diode
CPDFR COMCHIP-CPDFR Datasheet
92Kb / 4P
SMD ESD Protection Diode
CPDT-5V0U-HF COMCHIP-CPDT-5V0U-HF Datasheet
97Kb / 4P
SMD ESD Protection Diode
CPDTR035V0U-HF COMCHIP-CPDTR035V0U-HF Datasheet
97Kb / 4P
SMD ESD Protection Diode
CPDTR055V0C-HF COMCHIP-CPDTR055V0C-HF Datasheet
98Kb / 4P
SMD ESD Protection Diode
CPDV5-5V0U COMCHIP-CPDV5-5V0U_12 Datasheet
96Kb / 4P
SMD ESD Protection Diode
CPDQT3V3U-HF COMCHIP-CPDQT3V3U-HF Datasheet
559Kb / 3P
SMD ESD Protection Diode
CPDUR5V0C-HF COMCHIP-CPDUR5V0C-HF Datasheet
238Kb / 4P
SMD ESD Protection Diode
CPDVR083V3U COMCHIP-CPDVR083V3U Datasheet
109Kb / 5P
SMD ESD Protection Diode
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com