Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STTH1210G Datasheet(PDF) 1 Page - STMicroelectronics

Part # STTH1210G
Description  Ultrafast recovery - high voltage diode
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STTH1210G Datasheet(HTML) 1 Page - STMicroelectronics

  STTH1210G Datasheet HTML 1Page - STMicroelectronics STTH1210G Datasheet HTML 2Page - STMicroelectronics STTH1210G Datasheet HTML 3Page - STMicroelectronics STTH1210G Datasheet HTML 4Page - STMicroelectronics STTH1210G Datasheet HTML 5Page - STMicroelectronics STTH1210G Datasheet HTML 6Page - STMicroelectronics STTH1210G Datasheet HTML 7Page - STMicroelectronics STTH1210G Datasheet HTML 8Page - STMicroelectronics STTH1210G Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
March 2006
Rev 1
1/11
11
STTH1210
Ultrafast recovery - high voltage diode
Main product characteristics
Features and benefits
■ Ultrafast, soft recovery
■ Very low conduction and switching losses
■ High frequency and/or high pulsed current
operation
■ High reverse voltage capability
■ High junction temperature
■ Insulated packages:
– TO-220Ins
Electrical insulation = 2500 VRMS
Capacitance = 7 pF
– TO-220FPAC
Electrical insulation = 2500 VRMS
Capacitance = 12 pF
Description
The high quality design of this diode has
produced a device with low leakage current,
regularly reproducible characteristics and intrinsic
ruggedness. These characteristics make it ideal
for heavy duty applications that demand long term
reliability.
Such demanding applications include industrial
power supplies, motor control, and similar
mission-critical systems that require rectification
and freewheeling. These diodes also fit into
auxiliary functions such as snubber, bootstrap,
and demagnetization applications.
The improved performance in low leakage
current, and therefore thermal runaway guard
band, is an immediate competitive advantage for
this device.
Order codes
IF(AV)
12 A
VRRM
1000 V
Tj
175° C
VF (typ)
1.30 V
trr (typ)
48 ns
Part Number
Marking
STTH1210D
STTH1210D
STTH1210G
STTH1210G
STTH1210G-TR
STTH1210G
STTH1210FP
STTH1210FP
STTH1210DI
STTH1210DI
K
K
K
K
NC
K
A
A
A
A
A
TO-220AC
STTH1210D
TO-220FPAC
STTH1210FP
TO-220Ins
STTH1210DI
DPAK
STTH1210G
2
www.st.com


Similar Part No. - STTH1210G

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STTH1210-Y STMICROELECTRONICS-STTH1210-Y Datasheet
106Kb / 8P
Automotive ultrafast recovery - high voltage diode
24-Oct-2012
logo
Inchange Semiconductor ...
STTH1210DY ISC-STTH1210DY Datasheet
302Kb / 3P
Ultrafast Recovery Diode
More results

Similar Description - STTH1210G

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STTH810 STMICROELECTRONICS-STTH810 Datasheet
193Kb / 11P
Ultrafast recovery - high voltage diode
02-Mar-2006
STTH3010 STMICROELECTRONICS-STTH3010 Datasheet
148Kb / 10P
Ultrafast recovery - high voltage diode
02-Mar-2006
STTH12010TV STMICROELECTRONICS-STTH12010TV Datasheet
143Kb / 8P
Ultrafast recovery - high voltage diode
02-Mar-2006
STTH6010 STMICROELECTRONICS-STTH6010 Datasheet
132Kb / 8P
Ultrafast recovery - high voltage diode
02-Mar-2006
STTH6110TV STMICROELECTRONICS-STTH6110TV Datasheet
148Kb / 8P
Ultrafast recovery - high voltage diode
22-Feb-2006
STTH810-Y STMICROELECTRONICS-STTH810-Y Datasheet
111Kb / 8P
Automotive ultrafast recovery - high voltage diode
24-Oct-2012
STTH1210-Y STMICROELECTRONICS-STTH1210-Y Datasheet
106Kb / 8P
Automotive ultrafast recovery - high voltage diode
24-Oct-2012
STTH3010-Y STMICROELECTRONICS-STTH3010-Y Datasheet
196Kb / 9P
Automotive ultrafast recovery - high voltage diode
28-Jun-2012
STTH8R03DJF STMICROELECTRONICS-STTH8R03DJF Datasheet
181Kb / 9P
Ultrafast recovery diode high efficiency
16-May-2012
logo
Inchange Semiconductor ...
STTH6110TV2 ISC-STTH6110TV2 Datasheet
545Kb / 3P
Ultrafast recovery - high voltage diode
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com