Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STTH1210FP Datasheet(PDF) 6 Page - STMicroelectronics

Part # STTH1210FP
Description  Ultrafast recovery - high voltage diode
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STTH1210FP Datasheet(HTML) 6 Page - STMicroelectronics

Back Button STTH1210FP Datasheet HTML 2Page - STMicroelectronics STTH1210FP Datasheet HTML 3Page - STMicroelectronics STTH1210FP Datasheet HTML 4Page - STMicroelectronics STTH1210FP Datasheet HTML 5Page - STMicroelectronics STTH1210FP Datasheet HTML 6Page - STMicroelectronics STTH1210FP Datasheet HTML 7Page - STMicroelectronics STTH1210FP Datasheet HTML 8Page - STMicroelectronics STTH1210FP Datasheet HTML 9Page - STMicroelectronics STTH1210FP Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
Package information
STTH1210
6/11
2
Package information
Epoxy meets UL94, V0
Cooling method: by conduction (C)
Recommended torque value: 0.55 Nm (TO-220AC, TC-220Ins, TO-220FPAC)
Maximum torque value: 0.7 Nm (TO-220AC, TO-220Ins, TO-220FPAC)
Table 5.
T0-220AC dimensions
REF.
DIMENSIONS
Millimeters
Inches
Min.
Max.
Min.
Max.
A
4.40
4.60
0.173
0.181
C
1.23
1.32
0.048
0.051
D
2.40
2.72
0.094
0.107
E
0.49
0.70
0.019
0.027
F
0.61
0.88
0.024
0.034
F1
1.14
1.70
0.044
0.066
G
4.95
5.15
0.194
0.202
H2
10.00
10.40
0.393
0.409
L2
16.40 typ.
0.645 typ.
L4
13.00
14.00
0.511
0.551
L5
2.65
2.95
0.104
0.116
L6
15.25
15.75
0.600
0.620
L7
6.20
6.60
0.244
0.259
L9
3.50
3.93
0.137
0.154
M
2.6 typ.
0.102 typ.
Diam. I
3.75
3.85
0.147
0.151
A
C
D
L7
Ø I
L5
L6
L9
L4
F
H2
G
L2
F1
E
M



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com