Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M93C86-RDS6TP/S Datasheet(PDF) 22 Page - STMicroelectronics

Part # M93C86-RDS6TP/S
Description  16 Kbit, 8 Kbit, 4 Kbit, 2 Kbit and 1 Kbit (8-bit or 16-bit wide) MICROWIRE짰 serial access EEPROM
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M93C86-RDS6TP/S Datasheet(HTML) 22 Page - STMicroelectronics

Back Button M93C86-RDS6TP/S Datasheet HTML 18Page - STMicroelectronics M93C86-RDS6TP/S Datasheet HTML 19Page - STMicroelectronics M93C86-RDS6TP/S Datasheet HTML 20Page - STMicroelectronics M93C86-RDS6TP/S Datasheet HTML 21Page - STMicroelectronics M93C86-RDS6TP/S Datasheet HTML 22Page - STMicroelectronics M93C86-RDS6TP/S Datasheet HTML 23Page - STMicroelectronics M93C86-RDS6TP/S Datasheet HTML 24Page - STMicroelectronics M93C86-RDS6TP/S Datasheet HTML 25Page - STMicroelectronics M93C86-RDS6TP/S Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 38 page
background image
DC and AC parameters
M93C86, M93C76, M93C66, M93C56, M93C46
22/38
Figure 8.
AC testing input output waveforms
Table 13.
AC measurement conditions (M93Cx6-W and M93Cx6-R)(1)
1.
Output Hi-Z is defined as the point where data out is no longer driven.
Symbol
Parameter
Min.
Max.
Unit
CL
Load capacitance
100
pF
Input rise and fall times
50
ns
Input pulse voltages
0.2VCC to 0.8VCC
V
Input timing reference voltages
0.3VCC to 0.7VCC
V
Output timing reference voltages
0.3VCC to 0.7VCC
V
Table 14.
Capacitance(1)
1.
Sampled only, not 100% tested, at TA = 25 °C and a frequency of 1 MHz.
Symbol
Parameter
Test condition
Min
Max
Unit
COUT
Output capacitance
VOUT = 0V
5
pF
CIN
Input capacitance
VIN = 0V
5
pF
Table 15.
DC characteristics (M93Cx6, device grade 6)
Symbol
Parameter
Test condition
Min.
Max.
Unit
ILI
Input leakage current
0V
≤V
IN ≤VCC
±2.5
µA
ILO
Output leakage current
0V
≤V
OUT ≤VCC, Q in Hi-Z
±2.5
µA
ICC
Supply current
VCC = 5 V, S = VIH, f = 2 MHz,
Q = open
2
mA
ICC1
Supply current (Standby)
VCC = 5 V, S = VSS, C = VSS,
ORG = VSS or VCC,
pin7 = VCC, VSS or Hi-Z
15
µA
VIL
(1)
1.
The input and output levels are compatible with TTL logic levels.
Input low voltage
VCC = 5 V ± 10%
–0.45
0.8
V
VIH
(1)
Input high voltage
VCC = 5 V ± 10%
2
VCC + 1
V
VOL
(1)
Output low voltage
VCC = 5 V, IOL = 2.1 mA
0.4
V
VOH
(1)
Output high voltage
VCC = 5 V, IOH = –400 µA
2.4
V
AI02553
2.4V
0.4V
2.0V
0.8V
2V
1V
INPUT
OUTPUT
0.8VCC
0.2VCC
0.7VCC
0.3VCC
M93CXX-W & M93CXX-R
M93CXX



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com