Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT83C23OK203-RATUM Datasheet(PDF) 4 Page - ATMEL Corporation

Part # AT83C23OK203-RATUM
Description  CardMan짰 Smart@Link
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT83C23OK203-RATUM Datasheet(HTML) 4 Page - ATMEL Corporation

  AT83C23OK203-RATUM Datasheet HTML 1Page - ATMEL Corporation AT83C23OK203-RATUM Datasheet HTML 2Page - ATMEL Corporation AT83C23OK203-RATUM Datasheet HTML 3Page - ATMEL Corporation AT83C23OK203-RATUM Datasheet HTML 4Page - ATMEL Corporation AT83C23OK203-RATUM Datasheet HTML 5Page - ATMEL Corporation AT83C23OK203-RATUM Datasheet HTML 6Page - ATMEL Corporation AT83C23OK203-RATUM Datasheet HTML 7Page - ATMEL Corporation AT83C23OK203-RATUM Datasheet HTML 8Page - ATMEL Corporation AT83C23OK203-RATUM Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
4
AT83C23OK
4307CS–SCR–03/07
Pin Description
Table 1. Pin Description
Port
Internal
Power
Supply
ESD
I/O
Reset
Level
Alt
CIO
32
32
CVCC
6KV
I/O
0
Card interface-I/O pin
CVcc inactive at reset . ESD tested with 10µF on CVcc. An external pull-up of
4.7K
Ω is recommended to support ICC’s with too high internal pull-ups.
CC8
3
3
CVCC
6KV
I/O
0
Card interface-C8 pin
CVcc inactive at reset. ESD tested with 10µF on CVcc.
CPRES
2
2
VCC
2KV
I/O
1
Card Presence signal
If P3.4 pin is connected to GND, the card inserted information generates a high
level on CPRES pin.
Else, a low level on this pin indicates that a card is inserted.
CC4
5
5
CVCC
6KV
I/O
0
Card interface-C4 pin
CVcc inactive at reset. ESD tested with 10µF on CVcc.
CCLK
6
6
CVCC
6KV
O
0
Card interface-CLK pin
CVcc inactive at reset. ESD tested with 10µF on CVcc.
CRST
4
4
CVCC
6KV
O
0
Card interface-RST pin
CVcc inactive at reset. ESD tested with 10µF on CVcc.
P1.6
23
23
VCC
2KV
I/O
1
For Serial reader: Connect this to GND.
For USB reader: Leave this pin unconnected.
P1.7
31
31
VCC
2KV
I/O
1
Leave this pin unonnected
P3.0
22
22
VCC
2KV
I/O
1
For Serial reader: RxD: Connect this pin to the host TxD signal.
For USB reader: Connect this pin to GND.
P3.1
24
24
VCC
2KV
I/O
1
For Serial reader: TxD: Connect this pin to the host RxD signal.
For USB reader: Leave this pin unconnected.
P3.2
20
20
VCC
2KV
I/O
1
For Serial reader: INT0: Connect this pin to host RTS signal.
For USB reader: Connect this pin to GND.
P3.3
19
19
VCC
2KV
I/O
1
For Serial reader: Leave this pin unconnected.
For USB reader: Connect this pin to GND.
P3.4
18
18
VCC
2KV
I/O
1
Eject Signal
To support the eject of the smart card under control of the application. Please refer
to Design-In Manual for additionnal information.
This pin indicates also the polarity of Card Insertion Signal.
P3.5
21
21
VCC
2KV
I/O
1
For Serial reader: Connect this to GND.
For USB reader: Leave this pin unconnected.
SCL
17
17
VCC
2KV
I/O
1
TWI Expansion (I²C compliant)
May be used for memory extension, parallel port expanders and more.
Please refer to the Design-IN Manual.
SDA
13
13
VCC
2KV
I/O
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com