Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B3F-1002S Datasheet(PDF) 2 Page - Omron Electronics LLC

Part # B3F-1002S
Description  Mechanical Key Switch
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

B3F-1002S Datasheet(HTML) 2 Page - Omron Electronics LLC

  B3F-1002S Datasheet HTML 1Page - Omron Electronics LLC B3F-1002S Datasheet HTML 2Page - Omron Electronics LLC B3F-1002S Datasheet HTML 3Page - Omron Electronics LLC B3F-1002S Datasheet HTML 4Page - Omron Electronics LLC B3F-1002S Datasheet HTML 5Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
12 x 12 mm Models
Type
Plunger (or
LED color)
Height x pitch
Operating
force (OF)
Without ground terminal
With ground terminal
Bags **
Sticks (45/stick)*
Bags **
Sticks (45/stick)
Standard
Flat
4.3 x 12.5 mm
1.27 N (130 gf)
B3F-4000
B3F-4000S
B3F-4100
B3F-4100S
(B3F-4
jjj)
2.55 N (260 gf)
B3F-4005
B3F-4005S
B3F-4105
B3F-4105S
Projected
7.3 x 12.5 mm
1.27 N (130 gf)
B3F-4050
B3F-4050S
B3F-4150
B3F-4150S
2.55 N (260 gf)
B3F-4055
B3F-4055S
B3F-4155
B3F-4155S
Long life
expectancy
Flat
4.3 x 12.5 mm
1.27 N (130 gf)
B3F-5000
B3F-5000S
B3F-5100
B3F-5100S
(B3F-5
jj0)
Projected
7.3 x 12.5 mm
B3F-5050
B3F-5050S
B3F-5150
B3F-5150S
High reliability
gold-plated
Flat
4.3 x 12.5 mm
1.27 N (130 gf)
B3F-5001
B3F-5001S
B3F-5101
B3F-5101S
(B3F-5
jj1)
Projected
7.3 x 12.5 mm
B3F-5051
B3F-5051S
B3F-5151
B3F-5151S
Surface
Red LED
7.3 x 12.5 mm
1.27 N (130 gf)
---
B3F-9100
---
---
illumination
Green LED
---
B3F-9200
---
---
(B3F-9
jjj)
Yellow LED
---
B3F-9300
---
---
* 36 per stick for B3F-9
jjj.
** (100 / bag)
Accessories (order separately)
Special keytops are available for projected plunger models. See page 27 (Product B32).
Specifications
Ratings
Switching capacity
5 to 24 VDC, 1 to 50 mA (resistive load)
Insulation voltage
30 VDC
Characteristics
Contact form
SPST-NO
Contact resistance
100 m
Ω max. (at 5 VDC, 1 mA; initial value.)
Insulation resistance
100 M
Ω min. (at 250 VDC)
Dielectric strength
500 VAC, 50/60 Hz for 1 min
Bounce time
5 ms max.
Vibration resistance
Malfunction: 10 to 55 Hz, 1.5 mm double amplitude
Shock resistance
Destruction: 1,000 m/s2 min. (Approx. 100 G min.)
Malfunction: 100 m/s2 min. (Approx. 10G min.)
Life expectancy
B3F-1
jjj, -3jjj:
100-gf OF: 1,000,000 operations min.
150-gf OF: 300,000 operations min.
260-gf OF: 100,000 operations min.
B3F-4
jjj:
130-gf OF: 3,000,000 operations min.
260-gf OF: 1,000,000 operations min.
B3F-5
jjj: 10,000,000 operations min.
B3F-9
jjj: 1,000,000 operations min.
Ambient temperature
–25
°C to 70°C (with no icing)
Ambient humidity
35% to 85%
Weight
6 x 6 mm models: approx. 0.25 g
12 x 12 mm models: approx. 0.85 g
Operating Characteristics
Model
B3F-1
jjj, -3jjj
B3F-4
jjj, -5jjj, -9jjj
100 gf models
150 gf models
260 gf models
130 gf models
260 gf models
B3F-1
jj0, -3jj0 B3F-1jj2, -3jj2 B3F-1jj5, -3jj5
B3F-4
jj0,
-5
jj0, -9jj0
B3F-4
jj5
Operating force (OF)
0.98
±0.32 N
(100
±30 gf)
1.47
±0.49 N
(150
±50 gf)
2.55
±0.69 N
(260
±70 gf)
1.27
±0.49 N
(130
±50 gf)
2.55
±0.69 N
(260
±70 gf)
Reset force
(RF min.)
0.2 N (20 gf)
0.49 N (50 gf)
0.49 N (50 gf)
0.29 N (30 gf)
0.49 N (50 gf)
Pretravel (PT)
0.25+0.2/–0.1 mm
0.3+0.2/–0.1 mm



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com