Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS-RDS1 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # TS-RDS1
Description  USB 2.0 Compact Card Reader
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

TS-RDS1 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  TS-RDS1 Datasheet HTML 1Page - List of Unclassifed Manufacturers TS-RDS1 Datasheet HTML 2Page - List of Unclassifed Manufacturers TS-RDS1 Datasheet HTML 3Page - List of Unclassifed Manufacturers TS-RDS1 Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
T
T
TS
S
S---R
R
RD
D
DS
S
S1
1
1
USB 2.0 Compact Card Reader
Transcend information Inc
2
Block Diagram
ALCOR
AU6333
USB
Interface
Power
+3.3V
Memory Card
+5V
Pinouts
Pin No.
Pin Name
01
VCC
02
USB-
03
USB+
04
VSS
Pin Identification
Symbol
Function
USB-
USB+
USB differential signal:
The pairs are used to transmit
Data/Address/Command
VSS
Ground
VCC
USB Power Input



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com