Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7263BDX Datasheet(PDF) 123 Page - STMicroelectronics

Part # ST7263BDX
Description  Low speed USB 8-bit MCU family with up to 32K Flash/ROM, DFU capability, 8-bit ADC, WDG, timer, SCI & I짼C
PDF  145 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7263BDX Datasheet(HTML) 123 Page - STMicroelectronics

Back Button ST7263BDX Datasheet HTML 119Page - STMicroelectronics ST7263BDX Datasheet HTML 120Page - STMicroelectronics ST7263BDX Datasheet HTML 121Page - STMicroelectronics ST7263BDX Datasheet HTML 122Page - STMicroelectronics ST7263BDX Datasheet HTML 123Page - STMicroelectronics ST7263BDX Datasheet HTML 124Page - STMicroelectronics ST7263BDX Datasheet HTML 125Page - STMicroelectronics ST7263BDX Datasheet HTML 126Page - STMicroelectronics ST7263BDX Datasheet HTML 127Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 123 / 145 page
background image
ST7263BDx ST7263BHx ST7263BKx ST7263BE
123/145
14.10 Communication interface characteristics
14.10.1 USB - universal bus interface
(Operating conditions T
A = 0 to +70°C, V
DD = 4.0 to 5.25V unless otherwise specified)
Notes:
1. RL is the load connected on the USB drivers.
2. All the voltages are measured from the local ground potential.
3. To improve EMC performance (noise immunity), it is recommended to connect a 100nF capacitor to the USBVCC pin.
Figure 72. USB: data signal rise and fall time
Table 27. USB: low-speed electrical characteristics
Note:
1. For more detailed information, please refer to Chapter 7 (Electrical) of the USB specification (version 1.1).
USB DC electrical characteristics
Symbol
Parameter
Conditions
Min.
Max.
Unit
VDI
Differential Input Sensitivity
I(D+, D-)
0.2
V 2)
VCM
Differential Common mode
Range
Includes VDI range
0.8
2.5
VSE
Single Ended Receiver Threshold
0.8
2.0
VOL
Static Output Low
RL 1) of 1.5K ohms to
3.6v
0.3
VOH
Static Output High
RL 1) of 15K ohms to
VSS
2.8
3.6
USBV
USBVCC: voltage level 3)
VDD=5v
3.00
3.60
Differential
Data Lines
VSS
tf
tr
Crossover
points
VCRS
Symbol
Parameter
Conditions
Min
Max
Unit
Driver characteristics:
tr
Rise time
CL=50 pF 1)
75
ns
CL=600 pF 1)
300
ns
tf
Fall Time
CL=50 pF 1)
75
ns
CL=600 pF 1)
300
ns
trfm
Rise/ Fall Time matching
tr/tf
80
120
%
VCRS
Output signal Crossover
Voltage
1.3
2.0
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com