Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7263BDX Datasheet(PDF) 41 Page - STMicroelectronics

Part # ST7263BDX
Description  Low speed USB 8-bit MCU family with up to 32K Flash/ROM, DFU capability, 8-bit ADC, WDG, timer, SCI & I짼C
PDF  145 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7263BDX Datasheet(HTML) 41 Page - STMicroelectronics

Back Button ST7263BDX Datasheet HTML 37Page - STMicroelectronics ST7263BDX Datasheet HTML 38Page - STMicroelectronics ST7263BDX Datasheet HTML 39Page - STMicroelectronics ST7263BDX Datasheet HTML 40Page - STMicroelectronics ST7263BDX Datasheet HTML 41Page - STMicroelectronics ST7263BDX Datasheet HTML 42Page - STMicroelectronics ST7263BDX Datasheet HTML 43Page - STMicroelectronics ST7263BDX Datasheet HTML 44Page - STMicroelectronics ST7263BDX Datasheet HTML 45Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 145 page
background image
ST7263BDx ST7263BHx ST7263BKx ST7263BE
41/145
11 Miscellaneous register
Address: 0009h
—
Read/Write
Reset value: 0000 0000 (00h)
Bit 7:3 = Reserved
Bit 2 = SMS Slow Mode Select.
This bit is set by software and only cleared by hard-
ware after a reset. If this bit is set, it enables the use
of an internal divide-by-2 clock divider (refer to Fig-
ure 18 on page 26). The SMS bit has no effect on
the USB frequency.
0: Divide-by-2 disabled and CPU clock frequency
is standard
1: Divide-by-2 enabled and CPU clock frequency is
halved.
Bit 1 = USBOE USB enable.
If this bit is set, the port PC2 (PB1 on SO24) out-
puts the USB output enable signal (at “1” when the
ST7 USB is transmitting data).
Unused bits 7-4 are set.
Bit 0 = MCO Main Clock Out selection
This bit enables the MCO alternate function on the
PA0 I/O port. It is set and cleared by software.
0: MCO alternate function disabled (I/O pin free for
general-purpose I/O)
1: MCO alternate function enabled (fCPU on I/O
port)
70
-
-
-
-
-
SMS
USBOE
MCO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com