Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7263BDX Datasheet(PDF) 138 Page - STMicroelectronics

Part # ST7263BDX
Description  Low speed USB 8-bit MCU family with up to 32K Flash/ROM, DFU capability, 8-bit ADC, WDG, timer, SCI & I짼C
PDF  145 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7263BDX Datasheet(HTML) 138 Page - STMicroelectronics

Back Button ST7263BDX Datasheet HTML 134Page - STMicroelectronics ST7263BDX Datasheet HTML 135Page - STMicroelectronics ST7263BDX Datasheet HTML 136Page - STMicroelectronics ST7263BDX Datasheet HTML 137Page - STMicroelectronics ST7263BDX Datasheet HTML 138Page - STMicroelectronics ST7263BDX Datasheet HTML 139Page - STMicroelectronics ST7263BDX Datasheet HTML 140Page - STMicroelectronics ST7263BDX Datasheet HTML 141Page - STMicroelectronics ST7263BDX Datasheet HTML 142Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 138 / 145 page
background image
ST7263BDx ST7263BHx ST7263BKx ST7263BE
138/145
ST7263B microcontroller option list
(Last update: Mar 2007)
Customer:
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Address:
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Contact:
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Phone No:
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Reference:
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
ROM or FASTROM code must be sent in .S19 format.
Hex extension cannot be processed.
STMicroelectronics references:
Device Type/Memory Size/Package (check only one option):
-----------------------------------------------------------------------------------------------------------------------------------------------------------
ROM DEVICE: |
4K
|
8K
|
16K
|
32K
|
-----------------------------------------------------------------------------------------------------------------------------------------------------------
SO24:
| [ ] ST7263BE1M1
| [ ] ST7263BE2M1
| [ ] ST7263BE4B1
| [ ] ST7263BE6M1
|
PSDIP32:
| [ ] ST7263BK1B1
| [ ] ST7263BK2B1
| [ ] ST7263BK4B1
| [ ] ST7263BK6B1
|
SO34:
| [ ] ST7263BK1M1
| [ ] ST7263BK2M1
| [ ] ST7263BK4M1
| [ ] ST7263BK6M1
|
QFN40:
|
| [ ] ST7263BK2U1
|
| [ ] ST7263BD6U1
|
LQFP48:
|
| [ ] ST7263BH2T1
| [ ] ST7263BH4T1
| [ ] ST7263BH6T1
|
-----------------------------------------------------------------------------------------------------------------------------------------------------------
FASTROM:
|
4K
|
8K
|
16K
|
32K
|
-----------------------------------------------------------------------------------------------------------------------------------------------------------
SO24:
| [ ] ST72P63BE1M1 | [ ] ST72P63BE2M1 | [ ] ST72P63BE4M1 | [ ] ST72P63BE6M1 |
PSDIP32:
| [ ] ST72P63BK1B1
| [ ] ST72P63BK2B1 | [ ] ST72P63BK4B1 | [ ] ST72P63BK6B1
|
SO34:
| [ ] ST72P63BK1M1 | [ ] ST72P63BK2M1 | [ ] ST72P63BK4M1 | [ ] ST72P63BK6M1 |
QFN40:
|
| [ ] ST72P63BK2U1 |
| [ ] ST72P63BD6U1
|
LQFP48:
|
| [ ] ST72P63BH2T1 | [ ] ST72P63BH4T1 | [ ] ST72P63BH6T1
|
-----------------------------------------------------------------------------------------------------------------------------------------------------------
DIE FORM:
|
4K
|
8K
|
16K
|
32K
|
-----------------------------------------------------------------------------------------------------------------------------------------------------------
24-pin:
| [ ] (as E1M1)
| [ ] (as E2M1)
| [ ] (as E4M1)
| [ ] (as E6M1)
|
32-pin:
| [ ] (as K1B1)
| [ ] (as K2B1)
| [ ] (as K4B1)
| [ ] (as K6B1)
|
34-pin:
| [ ] (as K1M1)
| [ ] (as K2M1)
| [ ] (as K4M1)
| [ ] (as K6M1)
|
40-pin:
|
|
[ ] (as K2U1)
|
| [ ] (as D6U1)
|
48-pin:
|
| [ ] (as H2T1)
| [ ] (as H4T1)
| [ ] (as H6T1)
|
Conditioning (check only one option):
Packaged Product
|
Die Product (dice tested at 25°C only)
------------------------------------------------------------------------------------------------------------------------
[ ] Tape & Reel (SO package only)
|
[ ] Tape & Reel
[ ] Tube
|
[ ] Inked wafer
|
[ ] Sawn wafer on sticky foil
Special Marking ( ROM only): [ ] No
[ ] Yes "_ _ _ _ _ _ _ _ _ _ _ _ _"
Authorized characters are letters, digits, '.', '-', '/' and spaces only.
For marking, one line is possible with a maximum of 13 characters.
Watchdog Selection:
[ ] Software activation [ ] Hardware activation
Halt when Watchdog on: [ ] Reset
[ ] No reset
LVD Reset *
[ ] Disabled*
[ ] Enabled*
* LVD is forced to 0 (LVD always enabled) for 4K and 8K ROM devices
(sales types ST7263BK1B1, ST7263BK2B1, ST7263BK1M1, ST72BK2M1 only)
Oscillator Selection:
[ ] 24 MHz.
[ ] 12 MHz.
Read-Out Protection:
[ ] Disabled
[ ] Enabled
Date
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Signature
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Please download the latest version of this option list from: http://www.st.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com