Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPS1L20MF Datasheet(PDF) 1 Page - STMicroelectronics

Part # STPS1L20MF
Description  Low drop power Schottky rectifier in flat package
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPS1L20MF Datasheet(HTML) 1 Page - STMicroelectronics

  STPS1L20MF Datasheet HTML 1Page - STMicroelectronics STPS1L20MF Datasheet HTML 2Page - STMicroelectronics STPS1L20MF Datasheet HTML 3Page - STMicroelectronics STPS1L20MF Datasheet HTML 4Page - STMicroelectronics STPS1L20MF Datasheet HTML 5Page - STMicroelectronics STPS1L20MF Datasheet HTML 6Page - STMicroelectronics STPS1L20MF Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
August 2006
Rev 1
1/7
STPS1L20MF
Low drop power Schottky rectifier in flat package
Main product characteristics
Features and benefits
■ Very low profile package: 0.85 mm
■ Backward compatible with standard STmite
footprint
■ Very small conduction losses
■ Negligible switching losses
■ Extremely fast switching
■ Low forward voltage drop for higher efficiency
and extended battery life
■ Low thermal resistance
■ Avalanche capability specified
Order Code
Description
Single Schottky rectifier suited for switch mode
power supplies and high frequency DC to DC
converters.
Packaged in STmite flat, this device is intended
for use in low voltage, high frequency inverters,
free wheeling and polarity protection applications.
Due to the very small size of the package this
device fits battery powered equipment (cellular,
notebook, PDA’s, printers) as well as chargers
and PCMCIA cards.
IF(AV)
1 A
VRRM
20 V
Tj (max)
150° C
VF (max)
0.37 V
Part number
Marking
STPS1L20MF
F1L2
K
A
STmite flat
(DO222-AA)
Table 1.
Absolute ratings (limiting values)
Symbol
Parameter
Value
Unit
VRRM
Repetitive peak reverse voltage
20
V
IF(RMS)
RMS forward voltage
2
A
IF(AV)
Average forward current
Tc = 140° C δ = 0.5
1
A
IFSM
Surge non repetitive forward current
tp = 10 ms sinusoidal
50
A
PARM
Repetitive peak avalanche power
tp = 1 µs Tj = 25° C
1400
W
Tstg
Storage temperature range
-65 to + 150
°C
Tj
Maximum operating junction temperature(1)
1.
condition to avoid thermal runaway for a diode on its own heatsink
150
°C
dV/dt
Critical rate of rise of reverse voltage (rated VR, Tj = 25° C)
10000
V/µs
dPtot
dTj
---------------
1
Rth j
a
–
()
--------------------------
<
www.st.com


Similar Part No. - STPS1L20MF

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STPS1L20MF STMICROELECTRONICS-STPS1L20MF Datasheet
97Kb / 7P
Low drop power Schottky rectifier in flat package
07-Jul-2011
STPS1L20MF STMICROELECTRONICS-STPS1L20MF_V01 Datasheet
97Kb / 7P
Low drop power Schottky rectifier in flat package
07-Jul-2011
More results

Similar Description - STPS1L20MF

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
1N581X STMICROELECTRONICS-1N581X Datasheet
61Kb / 5P
LOW DROP POWER SCHOTTKY RECTIFIER
Jul-2003
STPS10L40CT STMICROELECTRONICS-STPS10L40CT Datasheet
82Kb / 6P
LOW DROP POWER SCHOTTKY RECTIFIER
Jul-1999
STPS1L40A STMICROELECTRONICS-STPS1L40A Datasheet
76Kb / 5P
LOW DROP POWER SCHOTTKY RECTIFIER
REV. 5
STPS3L25S STMICROELECTRONICS-STPS3L25S Datasheet
55Kb / 4P
LOW DROP POWER SCHOTTKY RECTIFIER
Jun-1999
STPS1L30MF STMICROELECTRONICS-STPS1L30MF Datasheet
91Kb / 7P
Low drop power Schottky rectifier in flat package
21-Aug-2006
STPS40L40CT STMICROELECTRONICS-STPS40L40CT_03 Datasheet
77Kb / 5P
LOW DROP POWER SCHOTTKY RECTIFIER
Jul-2003
STPS120MF STMICROELECTRONICS-STPS120MF Datasheet
108Kb / 7P
Power Schottky rectifier in flat package
15-May-2008
STPS5L25 STMICROELECTRONICS-STPS5L25_08 Datasheet
88Kb / 7P
Low drop power Schottky rectifier
15-Apr-2008
STPS41H100C STMICROELECTRONICS-STPS41H100C_12 Datasheet
200Kb / 9P
Low drop power Schottky rectifier
11-Apr-2012
STPS10L40C STMICROELECTRONICS-STPS10L40C Datasheet
145Kb / 9P
Low drop power Schottky rectifier
23-Mar-2007
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com