Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VIPER53ESPTR-E Datasheet(PDF) 3 Page - STMicroelectronics

Part # VIPER53ESPTR-E
Description  OFF-line Primary Switch
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VIPER53ESPTR-E Datasheet(HTML) 3 Page - STMicroelectronics

  VIPER53ESPTR-E Datasheet HTML 1Page - STMicroelectronics VIPER53ESPTR-E Datasheet HTML 2Page - STMicroelectronics VIPER53ESPTR-E Datasheet HTML 3Page - STMicroelectronics VIPER53ESPTR-E Datasheet HTML 4Page - STMicroelectronics VIPER53ESPTR-E Datasheet HTML 5Page - STMicroelectronics VIPER53ESPTR-E Datasheet HTML 6Page - STMicroelectronics VIPER53ESPTR-E Datasheet HTML 7Page - STMicroelectronics VIPER53ESPTR-E Datasheet HTML 8Page - STMicroelectronics VIPER53ESPTR-E Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 31 page
background image
VIPer53EDIP - E / VIPer53ESP - E
Electrical data
DocRev1
3/31
1
Electrical data
1.1
Maximum rating
Stressing the device above the rating listed in the “Absolute Maximum Ratings” table may
cause permanent damage to the device. These are stress ratings only and operation of the
device at these or any other conditions above those indicated in the Operating sections of
this specification is not implied. Exposure to Absolute Maximum Rating conditions for
extended periods may affect device reliability. Refer also to the STMicroelectronics SURE
Program and other relevant quality documents.
1.2
Thermal data
Table 1.
Absolute maximum rating
Symbol
Parameter
Value
Unit
VDS
Continuous Drain Source Voltage (TJ= 25 ... 125°C)
(1)
-0.3 ... 620
V
ID
Continuous Drain Current
Internally limited
A
VDD
Supply Voltage
0 ... 19
V
VOSC
OSC Input Voltage Range
0 ... VDD
V
ICOMP
ITOVL
COMP and TOVL Input Current Range (1)
1.
In order to improve the ruggedness of the device versus eventual drain overvoltages, a resistance of 1k
Ω
should be inserted in series with the TOVL pin.\
-2 ... 2
mA
VESD
Electrostatic Discharge:
Machine Model (R = 0
Ω; C = 200pF)
Charged Device Model
200
1.5
V
kV
TJ
Junction Operating Temperature
Internally limited
°C
TC
Case Operating Temperature
-40 to 150
°C
TSTG
Storage Temperature
-55 to 150
°C
Table 2.
Thermal data
Symbol
Parameter
PowerSO-10 (1)
1.
When mounted on a standard single-sided FR4 board with 50mm² of Cu (at least 35 mm thick) connected
to the DRAIN pin.
DIP-8 (2)
2.
When mounted on a standard single-sided FR4 board with 50mm² of Cu (at least 35 mm thick) connected
to the device tab.
Unit
RthJC
Thermal Resistance Junction-case
Max
2
20
°C/W
RthJA
Thermal Resistance Ambient-case
Max
60
80
°C/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com