Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PR21 Datasheet(PDF) 1 Page - Same Sky Devices

Part # PR21
Description  POWER RELAY
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMESKY [Same Sky Devices]
Direct Link  https://www.sameskydevices.com/
Logo SAMESKY - Same Sky Devices

PR21 Datasheet(HTML) 1 Page - Same Sky Devices

  PR21 Datasheet HTML 1Page - Same Sky Devices PR21 Datasheet HTML 2Page - Same Sky Devices PR21 Datasheet HTML 3Page - Same Sky Devices PR21 Datasheet HTML 4Page - Same Sky Devices PR21 Datasheet HTML 5Page - Same Sky Devices PR21 Datasheet HTML 6Page - Same Sky Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
date 09/12/2024
page 1 of 6
SERIES: PR21 | DESCRIPTION: POWER RELAY
sameskydevices.com
FEATURES
• 5V/12V/24V
• DPST & DPDT
• 400 mW
MODEL
coil
voltage
coil
resistance
operating voltage
release
voltage
coil
power
typ
(Vdc)
(Ω
±10%)
min
(Vdc)
max
(Vdc)
max
(mW)
PR21-5V-400-2A
5
62.5
3.5
0.5
400
PR21-12V-400-2A
12
360
8.4
1.2
400
PR21-24V-400-2A
24
1,440
16.8
2.4
400
PR21-5V-400-2C
5
62.5
3.5
0.5
400
PR21-12V-400-2C
12
360
8.4
1.2
400
PR21-24V-400-2C
24
1,440
16.8
2.4
400
Notes:
1. All specifications are measured at 23°C unless otherwise specified.
PART NUMBER KEY
Base Number
PR21 - XX - 400 - XX
Coil Voltage (Vdc):
5V = 5
12V = 12
24V = 24
Contact Form:
2A = 2 Form A
2C = 2 Form C
CUI Devices is now Same Sky!
Learn More
Additional Resources: Product Page | 3D Model | PCB Footprint


Similar Part No. - PR21

ManufacturerPart #DatasheetDescription
logo
CUI INC
PR21 CUI-PR21 Datasheet
442Kb / 6P
POWER RELAY
08/09/2022
logo
CUI Devices
PR21 CUID-PR21 Datasheet
441Kb / 6P
POWER RELAY
08/09/2022
logo
CUI INC
PR21-12V-400-2A CUI-PR21-12V-400-2A Datasheet
442Kb / 6P
POWER RELAY
08/09/2022
logo
CUI Devices
PR21-12V-400-2A CUID-PR21-12V-400-2A Datasheet
441Kb / 6P
POWER RELAY
08/09/2022
logo
CUI INC
PR21-12V-400-2C CUI-PR21-12V-400-2C Datasheet
442Kb / 6P
POWER RELAY
08/09/2022
More results

Similar Description - PR21

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
41083 MACOM-41083 Datasheet
180Kb / 2P
Power Relay
logo
Omron Electronics LLC
G6RN1DC12 OMRON-G6RN1DC12 Datasheet
393Kb / 6P
Power Relay
logo
Adam Technologies, Inc.
RPC-1C-48-S ADAM-TECH-RPC-1C-48-S Datasheet
89Kb / 1P
POWER RELAY
RPG-2A-P-5 ADAM-TECH-RPG-2A-P-5 Datasheet
91Kb / 1P
POWER RELAY
RPM-1C-P-5 ADAM-TECH-RPM-1C-P-5 Datasheet
88Kb / 1P
POWER RELAY
RPN-1A-P-12 ADAM-TECH-RPN-1A-P-12 Datasheet
91Kb / 1P
POWER RELAY
RPN-N3-1C-P-X ADAM-TECH-RPN-N3-1C-P-X Datasheet
94Kb / 1P
POWER RELAY
logo
CUI INC
PR5 CUI-PR5 Datasheet
448Kb / 4P
POWER RELAY
08/15/2022
PR13 CUI-PR13 Datasheet
445Kb / 5P
POWER RELAY
08/15/2022
PR19 CUI-PR19 Datasheet
446Kb / 5P
POWER RELAY
08/09/2022
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com