Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7263BE1M1 Datasheet(PDF) 20 Page - STMicroelectronics

Part # ST7263BE1M1
Description  Low speed USB 8-bit MCU family with up to 32K Flash/ROM, DFU capability, 8-bit ADC, WDG, timer, SCI & I짼C
PDF  145 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7263BE1M1 Datasheet(HTML) 20 Page - STMicroelectronics

Back Button ST7263BE1M1 Datasheet HTML 16Page - STMicroelectronics ST7263BE1M1 Datasheet HTML 17Page - STMicroelectronics ST7263BE1M1 Datasheet HTML 18Page - STMicroelectronics ST7263BE1M1 Datasheet HTML 19Page - STMicroelectronics ST7263BE1M1 Datasheet HTML 20Page - STMicroelectronics ST7263BE1M1 Datasheet HTML 21Page - STMicroelectronics ST7263BE1M1 Datasheet HTML 22Page - STMicroelectronics ST7263BE1M1 Datasheet HTML 23Page - STMicroelectronics ST7263BE1M1 Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 145 page
background image
ST7263BDx ST7263BHx ST7263BKx ST7263BE
20/145
Flash program memory (Cont’d)
4.4 ICP (in-circuit programming)
To perform ICP the microcontroller must be
switched to ICC (in-circuit communication) mode
by an external controller or programming tool.
Depending on the ICP code downloaded in RAM,
Flash memory programming can be fully custom-
ized (number of bytes to program, program loca-
tions, or selection serial communication interface
for downloading).
When using an STMicroelectronics or third-party
programming tool that supports ICP and the spe-
cific microcontroller device, the user needs only to
implement the ICP hardware interface on the ap-
plication board (see Figure 9). For more details on
the pin locations, refer to the device pinout de-
scription.
4.5 IAP (in-application programming)
This mode uses a BootLoader program previously
stored in Sector 0 by the user (in ICP mode or by
plugging the device in a programming tool).
This mode is fully controlled by user software. This
allows it to be adapted to the user application, (us-
er-defined strategy for entering programming
mode, choice of communications protocol used to
fetch the data to be stored, etc.). For example, it is
possible to download code from the SPI, SCI or
other type of serial interface and program it in the
Flash. IAP mode can be used to program any of
the Flash sectors except Sector 0, which is write/
erase protected to allow recovery in case errors
occur during the programming operation.
4.6 Related documentation
For details on Flash programming and ICC proto-
col, refer to the ST7 Flash Programming Refer-
ence Manual and to the ST7 ICC Protocol Refer-
ence Manual
.
4.7 Register description
Flash Control/Status register (FCSR)
Read/Write
Reset value: 0000 0000 (00h)
This register is reserved for use by programming
tool software. It controls the Flash programming
and erasing operations.
70
0
000
000
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com