Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ALD4213PC Datasheet(PDF) 7 Page - Advanced Linear Devices

Part # ALD4213PC
Description  CMOS LOW VOLTAGE HIGH SPEED QUAD PRECISION ANALOG SWITCHES
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALD [Advanced Linear Devices]
Direct Link  http://www.aldinc.com
Logo ALD - Advanced Linear Devices

ALD4213PC Datasheet(HTML) 7 Page - Advanced Linear Devices

  ALD4213PC Datasheet HTML 1Page - Advanced Linear Devices ALD4213PC Datasheet HTML 2Page - Advanced Linear Devices ALD4213PC Datasheet HTML 3Page - Advanced Linear Devices ALD4213PC Datasheet HTML 4Page - Advanced Linear Devices ALD4213PC Datasheet HTML 5Page - Advanced Linear Devices ALD4213PC Datasheet HTML 6Page - Advanced Linear Devices ALD4213PC Datasheet HTML 7Page - Advanced Linear Devices ALD4213PC Datasheet HTML 8Page - Advanced Linear Devices  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
ALD4211/ALD4212
Advanced Linear Devices
7
ALD4213
TYPICAL PERFORMANCE CHARACTERISTICS
0
0.6
1.2
1.8
2.4
3.0
INPUT VOLTAGE (V)
0
6
2
4
SUPPLY CURRENT AS A
FUNCTION OF INPUT VOLTAGE
8
10
VSUPPLY = 3V
0.1
1.0
10
100
FREQUENCY (KHz)
0.001
1
0.01
0.1
TOTAL HARMONIC DISTORTION AS
A FUNCTION OF FREQUENCY
10
100
VSUPPLY = 5V
VS = 0.355 VRMS
RL = 10K
RL = 100K
01
2
3
4
5
INPUT VOLTAGE (V)
20
80
40
60
SUPPLY CURRENT AS A
FUNCTION OF INPUT VOLTAGE
100
VSUPPLY = 5V
0
0
10
20
30
40
50
SOURCE RESISTANCE (
Ω)
0
0.5
2.5
1.5.
2.0
CHARGE INJECTION AS A FUNCTION
OF SOURCE RESISTANCE
3.0
1.0
CL = 1000pF
CL = 200pF
-75
-25
TEMPERATURE (
°C)
0
150
50
100
SWITCH DELAY TIME AS A
FUNCTION OF TEMPERATURE
200
250
25
75
100
NC: Normally Closed
NO: Normally Open
TURN OFF DELAY TIME
VSUPPLY = 5V
TURN ON DELAY TIME
NC
NO
NO
NC
0
2
4
6
8
10
INPUT VOLTAGE (V)
0
0.4
1.6
0.8
1.2
SUPPLY CURRENT AS A
FUNCTION OF INPUT VOLTAGE
2.0
VSUPPLY = 10V



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com