Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KA2201 Datasheet(PDF) 2 Page - SYC Electronica

Part # KA2201
Description  1.2W AUDIO POWER AMP
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYC [SYC Electronica]
Direct Link  https://www.sycelectronica.com.ar/index.php
Logo SYC - SYC Electronica

KA2201 Datasheet(HTML) 2 Page - SYC Electronica

  KA2201 Datasheet HTML 1Page - SYC Electronica KA2201 Datasheet HTML 2Page - SYC Electronica KA2201 Datasheet HTML 3Page - SYC Electronica KA2201 Datasheet HTML 4Page - SYC Electronica  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
KA2201
1.2W AUDIO POWER AMP
ABSOLUTE MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS
(Ta = 25
°C, V
CC = 9V, f = 1KHz, RG = 600
Ω, R
F = 120
Ω, R
L = 8
Ω, unless otherwise specified)
Characteristic
Symbol
value
Unit
Supply Voltage
Output Peak Current
Power Dissipation
Operating Temperature
Storage Temperature
VCC
IPK
PD
TOPR
TSTG
16
1.5
1.25
- 20 ~ + 70
- 40 ~ + 150
V
A
W
°C
°C
Characteristic
Symbol
Test Conditions
Min
Typ
Max
Unit
Quiescent Circuit Current
ICCQ
VI = 0
4
12
mA
Output Power
PO
VCC = 9V, RL = 4
Ω, THD = 10%
VCC = 9V, RL = 8
Ω, THD = 10%
VCC = 6V, RL = 4
Ω, THD = 10%
VCC = 6V, RL = 8
Ω, THD =10%
VCC = 12V, RL = 8
Ω, THD =10%
0.9
0.4
1.6
1.2
0.75
0.5
2
W
Total Harmonic Distortion
THD
PO = 500mW
0.3
1.0
%
Open Loop Voltage Gain
GVO
RF = 0
75
dB
Closed Loop Voltage Gain
GVC
RF = 120
Ω
33
36
39
dB
Input Resistance
RI
5
M
Ω
Output Noise Voltage
VNO
RG = 10K
Ω
BW (-3dB) = 50Hz~20KHz
0.3
1.0
mV



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com