Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ML3371 Datasheet(PDF) 5 Page - LANSDALE Semiconductor Inc.

Part # ML3371
Description  Low Power Narrowband FM IF
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LANSDALE [LANSDALE Semiconductor Inc.]
Direct Link  http://www.lansdale.com
Logo LANSDALE - LANSDALE Semiconductor Inc.

ML3371 Datasheet(HTML) 5 Page - LANSDALE Semiconductor Inc.

  ML3371 Datasheet HTML 1Page - LANSDALE Semiconductor Inc. ML3371 Datasheet HTML 2Page - LANSDALE Semiconductor Inc. ML3371 Datasheet HTML 3Page - LANSDALE Semiconductor Inc. ML3371 Datasheet HTML 4Page - LANSDALE Semiconductor Inc. ML3371 Datasheet HTML 5Page - LANSDALE Semiconductor Inc. ML3371 Datasheet HTML 6Page - LANSDALE Semiconductor Inc. ML3371 Datasheet HTML 7Page - LANSDALE Semiconductor Inc. ML3371 Datasheet HTML 8Page - LANSDALE Semiconductor Inc. ML3371 Datasheet HTML 9Page - LANSDALE Semiconductor Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 19 page
background image
www.lansdale.com
Page 5 of 19
Issue A
LANSDALE Semiconductor, Inc.
ML3371, ML3372
Figure 3. Total Harmonic Distortion
versus Temperature
–55
0
125
20
TA, AMBIENT TEMPERATURE (°C)
5.0
25
45
30
–140
10
40
50
60
–100
65
–80
–40
–120
–20
0
–60
20
TA = –30°C
TA = 25°C
105
85
70
5.0
0
1.0
4.0
3.0
2.0
–35
–15
TA = 75°C
TA = 75°C
TA = –30°C
VCC = 4.0 Vdc
fo = 10.7 MHz
RF INPUT (dBm)
Figure 4. RSSI versus RF Input
VCC = 4.0 Vdc
RF Input = –30 dBm
fo = 10.7 MHz
TYPICAL CURVES
(Unmatched Input)
–30 dBm
45
65
25
–35
–15
–70 dBm
TA, AMBIENT TEMPERATURE (°C)
5.0
105
–55
125
85
VCC = 4.0 Vdc
fo = 10.7 MHz
–110 dBm
–20
–10
VCC = 4.0 Vdc
TA = 27°C
100 MHz
3rd Order Products
–50
–60
–40
–30
–70
– 20
0
10
– 50
– 10
– 30
– 40
– 70
RF INPUT (dBm)
– 60
0
100 MHz
Desired Products
30
18
60
TA = –30°C
TA = 25°C
fo = 10.7 MHz
RFin –40 dBm
1.8 k
Ω Load
TA = 75°C
48
54
6.0
42
36
0
24
18
12
6.0
9.0
12
8.0
9.0
21
–5.0 dBm
0 dBm
10
–15 dBm
1.0
–20 dBm
–10 dBm
5.0 dBm
40
f, FREQUENCY (MHz)
30
20
0
100
10
1000
10
7.0
6.0
5.0
3.0
4.0
VCC, SUPPLY VOLTAGE (V)
1.0
2.0
30
27
24
0
15
3.0
0
Figure 5. RSSI Output versus Temperature
Figure 6. Mixer Output versus RF Input
Figure 7. Mixer Gain versus Supply Voltage
Figure 8. Mixer Gain versus Frequency
VCC = 4.0 Vdc
TA = 27°C
RFin = –40 dBm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com