Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ML3371EP Datasheet(PDF) 2 Page - LANSDALE Semiconductor Inc.

Part # ML3371EP
Description  Low Power Narrowband FM IF
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LANSDALE [LANSDALE Semiconductor Inc.]
Direct Link  http://www.lansdale.com
Logo LANSDALE - LANSDALE Semiconductor Inc.

ML3371EP Datasheet(HTML) 2 Page - LANSDALE Semiconductor Inc.

  ML3371EP Datasheet HTML 1Page - LANSDALE Semiconductor Inc. ML3371EP Datasheet HTML 2Page - LANSDALE Semiconductor Inc. ML3371EP Datasheet HTML 3Page - LANSDALE Semiconductor Inc. ML3371EP Datasheet HTML 4Page - LANSDALE Semiconductor Inc. ML3371EP Datasheet HTML 5Page - LANSDALE Semiconductor Inc. ML3371EP Datasheet HTML 6Page - LANSDALE Semiconductor Inc. ML3371EP Datasheet HTML 7Page - LANSDALE Semiconductor Inc. ML3371EP Datasheet HTML 8Page - LANSDALE Semiconductor Inc. ML3371EP Datasheet HTML 9Page - LANSDALE Semiconductor Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
www.lansdale.com
Page 2 of 19
Issue A
LANSDALE Semiconductor, Inc.
ML3371, ML3372
RECOMMENDED OPERATING CONDITIONS
Rating
Pin
Symbol
Value
Unit
Supply Voltage
(@ TA = 25°C)
( –30
°C
TA
+75
°C)
4
VCC
2.0 to 9.0
2.4 to 9.0
Vdc
RF Input Voltage
16
Vrf
0.0005 to 10
mVrms
RF Input Frequency
16
frf
0.1 to 100
MHz
Oscillator Input Voltage
1
Vlocal
80 to 400
mVrms
Intermediate Frequency
–
fif
455
kHz
Limiter Amp Input Voltage
5
Vif
0 to 400
mVrms
Filter Amp Input Voltage
10
Vfa
0.1 to 300
mVrms
Squelch Input Voltage
12
Vsq
0 or 2
Vdc
Mute Sink Current
14
lsq
0.1 to 30
mA
Ambient Temperature Range
–
TA
–30 to +70
°C
AC ELECTRICAL CHARACTERISTICS (VCC = 4.0 Vdc, fo = 58.1125 MHz, df = ±3.0 kHz, fmod = 1.0 kHz, 50 Ω source,
flocal = 57.6575 MHz, Vlocal = 0 dBm, TA = 25°C, unless otherwise noted)
Characteristic
Pin
Symbol
Min
Typ
Max
Unit
Input for 12 dB SINAD
Matched Input – (See Figures
11, 12 and 13)
Unmatched Input – (See Figures 1 and 2)
–
VSIN
–
–
1.0
5.0
–
15
µVrms
Input for 20 dB NQS
–
VNQS
–
3.5
–
µVrms
Recovered Audio Output Voltage
Vrf = –30 dBm
–
AFO
120
200
320
mVrms
Recovered Audio Drop Voltage Loss
Vrf = –30 dBm, VCC = 4.0 V to 2.0 V
–
AFloss
–8.0
–1.5
–
dB
Meter Drive Output Voltage (No Modulation)
Vrf = –100 dBm
Vrf = –70 dBm
Vrf = –40 dBm
13
MDrv
MV1
MV2
MV3
–
1.1
2.0
0.3
1.5
2.5
0.5
1.9
3.1
Vdc
Filter Amp Gain
Rs = 600 Ω , fs = 10 kHz, Vfa = 1.0 mVrms
–
AV(Amp)
47
50
–
dB
Mixer Conversion Gain
Vrf = –40 dBm, RL = 1.8 kΩ
–
AV(Mix)
14
20
–
dB
Signal to Noise Ratio
Vrf = –30 dBm
–
s/n
36
67
–
dB
Total Harmonic Distortion
Vrf = –30 dBm, BW = 400 Hz to 30 kHz
–
THD
–
0.6
3.4
%
Detector Output Impedance
9
ZO
–
450
–
Ω
Detector Output Voltage (No Modulation)
Vrf = –30 dBm
9
DVO
–
1.45
–
Vdc
Meter Drive
Vrf = –100 to –40 dBm
13
MO
–
0.8
–
µA/dB
Meter Drive Dynamic Range
RFIn
IFIn (455 kHz)
13
MVD
–
–
60
80
–
–
dB
Mixer Third Order Input Intercept Point
f1 = 58.125 MHz
f2 = 58.1375 MHz
–
ITOMix
–
–22
–
dBm
Mixer Input Resistance
16
Rin
–
3.3
–
k
Ω
Mixer Input Capacitance
16
Cin
–
2.2
–
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com