Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ML3372EP Datasheet(PDF) 9 Page - LANSDALE Semiconductor Inc.

Part # ML3372EP
Description  Low Power Narrowband FM IF
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LANSDALE [LANSDALE Semiconductor Inc.]
Direct Link  http://www.lansdale.com
Logo LANSDALE - LANSDALE Semiconductor Inc.

ML3372EP Datasheet(HTML) 9 Page - LANSDALE Semiconductor Inc.

Back Button ML3372EP Datasheet HTML 5Page - LANSDALE Semiconductor Inc. ML3372EP Datasheet HTML 6Page - LANSDALE Semiconductor Inc. ML3372EP Datasheet HTML 7Page - LANSDALE Semiconductor Inc. ML3372EP Datasheet HTML 8Page - LANSDALE Semiconductor Inc. ML3372EP Datasheet HTML 9Page - LANSDALE Semiconductor Inc. ML3372EP Datasheet HTML 10Page - LANSDALE Semiconductor Inc. ML3372EP Datasheet HTML 11Page - LANSDALE Semiconductor Inc. ML3372EP Datasheet HTML 12Page - LANSDALE Semiconductor Inc. ML3372EP Datasheet HTML 13Page - LANSDALE Semiconductor Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 19 page
background image
www.lansdale.com
Page 9 of 19
Issue A
LANSDALE Semiconductor, Inc.
ML3371, ML3372
ML3372 PIN FUNCTION DESCRIPTION
OPERATING CONDITIONS VCC = 4.0 Vdc, RFIn = 100 µV, fmod = 1.0 kHz, fdev = 3.0 kHz. ML3372 at f RF = 45 MHz (see Figure 13).
Pin
Symbol
Internal Equivalent
Circuit
Description
Waveform
5
IFIn
IFIn
5
53 k
6
IF Amplifier Input
6
DEC1
6
DEC
60
µA
IF Decoupling. External 0.1
µF
capacitors connected to VCC.
7
IFOut
IFOut
7
120
µA
VCC
50
µA
IF Amplifier Output Signal level is
typically 300 mVpp.
8
QuadIn
QuadIn
8
50
µA
VCC
10
Quadrature Detector Input. Signal
level is typically 150 mVpp.
9
RA
9
200
RAOut
VCC
Recovered Audio. This is a composite
FM demodulated output having signal
and carrier components. Typical level
is 800 mVpp.
Out
100
µA
The filtered recovered audio has the
carrier signal removed and is typically
500 mVpp.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com