Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GL422 Datasheet(PDF) 21 Page - GENESYS LOGIC

Part # GL422
Description  USB 2.0 SD/MMC-controller Combo Solution
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENESYS [GENESYS LOGIC]
Direct Link  http://www.genesyslogic.com
Logo GENESYS - GENESYS LOGIC

GL422 Datasheet(HTML) 21 Page - GENESYS LOGIC

Back Button GL422 Datasheet HTML 17Page - GENESYS LOGIC GL422 Datasheet HTML 18Page - GENESYS LOGIC GL422 Datasheet HTML 19Page - GENESYS LOGIC GL422 Datasheet HTML 20Page - GENESYS LOGIC GL422 Datasheet HTML 21Page - GENESYS LOGIC GL422 Datasheet HTML 22Page - GENESYS LOGIC GL422 Datasheet HTML 23Page - GENESYS LOGIC GL422 Datasheet HTML 24Page - GENESYS LOGIC GL422 Datasheet HTML 25Page - GENESYS LOGIC Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 32 page
background image
GL422/GL423 USB 2.0 +SD/MMC-controller Combo Solution
©2000-2006 Genesys Logic Inc. - All rights reserved.
Page 21
4.6.2 Regulator Interface
Table 4.2 – Regulator Interface
QFN56
Pin#
VFBG
A54
Pin#
Pin Name
Pad#
Pad Name
Type
Description
NC
NC
91
OUT1
O
1.8V output (Max.40mA)
(No Bonding)
89
OUT2
O
1.8V output (Max.100mA)
(Double Bonding)
43
B2
V18OUT
90
OUT2
O
Regulator 1.8V output
(Double Bonding)
92
VIN
P
Analog 3.3V power
(Tri-bonding )
93
VIN
P
Analog 3.3V power
(Tri-bonding )
44
C1
AVDD
94
VIN
P
Analog 3.3V power
(Tri-bonding )
45
E4
GND
95
GND
P
Analog ground
42
B1
REXT1
88
REXT1
A
External Resistor pad
41
A1
REXT2
87
REXT2
A
External Resistor pad



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com